Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-C2TESSQTP Datasheet(PDF) 74 Page - Microchip Technology

Part # MXT1664T3-C2TESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2TESSQTP Datasheet(HTML) 74 Page - Microchip Technology

Back Button MXT1664T3-C2TESSQTP Datasheet HTML 70Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 71Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 72Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 73Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 74Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 75Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 76Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 77Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 74
 2018 Microchip Technology Inc.
14.4.2.2
VddIO
Acquisition Rate (ms)
0 Touches (mA) 1 Touch (mA) 5 Touches (mA)
10 Touches
(mA)
15 Touches
(mA)
Free-run
0.15
1.18
1.16
1.15
1.16
10
0.17
1.21
1.17
1.16
1.16
16
0.17
1.19
1.18
1.17
1.17
32
0.18
1.19
1.20
1.18
1.18
64
0.19
1.21
1.20
1.19
1.19
128
0.19
1.21
1.21
1.19
1.19
254
0.18
1.20
1.20
1.20
1.19
0.00
0.20
0.40
0.60
0.80
1.00
1.20
Free-run
10
16
32
64
128
254
Acquisition Rate (ms)
0 Touches (mA)
1 Touch (mA)
5 Touches (mA)
10 Touches (mA)
15 Touches (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com