Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 105 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 101Page - Texas Instruments ADC32RF83 Datasheet HTML 102Page - Texas Instruments ADC32RF83 Datasheet HTML 103Page - Texas Instruments ADC32RF83 Datasheet HTML 104Page - Texas Instruments ADC32RF83 Datasheet HTML 105Page - Texas Instruments ADC32RF83 Datasheet HTML 106Page - Texas Instruments ADC32RF83 Datasheet HTML 107Page - Texas Instruments ADC32RF83 Datasheet HTML 108Page - Texas Instruments ADC32RF83 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 138 page
background image
105
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5.12.20 Register 01Fh (address = 01Fh), Decimation Filter Page
Figure 206. Register 01Fh
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
WBF 6DB GAIN
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 92. Register 01Fh Field Descriptions
Bit
Field
Type
Reset
Description
7-1
0
W
0h
Must write 0
0
WBF 6DB GAIN
R/W
0h
This bit scales the output of the wide bandwidth DDC filter by 2
(6 dB) to compensate for real-to-complex conversion and image
suppression. This setting only applies to the high-bandwidth filter
path (divide-by-4 and -6).
0 = Normal operation
1 = 6-dB digital gain is added
8.5.12.21 Register 033h-036h (address = 033h-036h), Decimation Filter Page
Figure 207. Register 033h
7
6
5
4
3
2
1
0
CUSTOM PATTERN1[7:0]
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Figure 208. Register 034h
7
6
5
4
3
2
1
0
CUSTOM PATTERN1[15:8]
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Figure 209. Register 035h
7
6
5
4
3
2
1
0
CUSTOM PATTERN2[7:0]
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Figure 210. Register 036h
7
6
5
4
3
2
1
0
CUSTOM PATTERN2[15:8]
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Table 93. Register 033h-036h Field Descriptions
Bit
Field
Type
Reset
Description
7-0
CUSTOM PATTERN
R/W
0h
These bits set the custom test pattern in address 33h, 34h, 35h,
or 36h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com