Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 109 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 109 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 105Page - Texas Instruments ADC32RF83 Datasheet HTML 106Page - Texas Instruments ADC32RF83 Datasheet HTML 107Page - Texas Instruments ADC32RF83 Datasheet HTML 108Page - Texas Instruments ADC32RF83 Datasheet HTML 109Page - Texas Instruments ADC32RF83 Datasheet HTML 110Page - Texas Instruments ADC32RF83 Datasheet HTML 111Page - Texas Instruments ADC32RF83 Datasheet HTML 112Page - Texas Instruments ADC32RF83 Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 138 page
background image
109
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5.13 Power Detector Page
8.5.13.1 Register 000h (address = 000h), Power Detector Page
Figure 215. Register 000h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
PKDET EN
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 98. Register 000h Field Descriptions
Bit
Field
Type
Reset
Description
7-1
0
W
0h
Must write 0
0
PKDET EN
R/W
0h
This bit enables the peak power and crossing detector.
0 = Power detector disabled
1 = Power detector enabled
8.5.13.2 Register 001h-002h (address = 001h-002h), Power Detector Page
Figure 216. Register 001h
7
6
5
4
3
2
1
0
BLKPKDET [7:0]
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Figure 217. Register 002h
7
6
5
4
3
2
1
0
BLKPKDET [15:8]
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Table 99. Register 001h-002h Field Descriptions
Bit
Field
Type
Reset
Description
7-0
BLKPKDET
R/W
0h
This register specifies the block length in terms of number of
samples (S`) used for peak power computation. Each sample S`
is a peak of 8 actual ADC samples. This parameter is a 17-bit
value directly in linear scale. In decimation mode, the block
length must be a multiple of a divide-by-4 or -6 complex: length
= 5 × decimation factor.
The divide-by-8 to -32 complex: length = 10 × decimation factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com