Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 135 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 130Page - Texas Instruments ADC32RF83 Datasheet HTML 131Page - Texas Instruments ADC32RF83 Datasheet HTML 132Page - Texas Instruments ADC32RF83 Datasheet HTML 133Page - Texas Instruments ADC32RF83 Datasheet HTML 134Page - Texas Instruments ADC32RF83 Datasheet HTML 135Page - Texas Instruments ADC32RF83 Datasheet HTML 136Page - Texas Instruments ADC32RF83 Datasheet HTML 137Page - Texas Instruments ADC32RF83 Datasheet HTML 138Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 135 / 138 page
background image
www.ti.com
PACKAGE OUTLINE
C
PIN 1 ID
8.5 0.1
0.9 MAX
0.05
0.00
4X
8.5
72X 0.30
0.18
68X 0.5
72X 0.5
0.3
4X (45 X0.42)
B
10.1
9.9
A
10.1
9.9
(0.2)
4221047/B 02/2014
VQFN - 0.9 mm max height
RMP0072A
VQFN
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
54
37
36
19
18
1
72
55
0.1
C B
A
0.05
C
PIN 1 ID
(R0.2)
SYMM
SYMM
0.08 C
SEATING PLANE
SCALE 1.700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com