Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC32RF83 Datasheet(PDF) 136 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF83 Datasheet(HTML) 136 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 130Page - Texas Instruments ADC32RF83 Datasheet HTML 131Page - Texas Instruments ADC32RF83 Datasheet HTML 132Page - Texas Instruments ADC32RF83 Datasheet HTML 133Page - Texas Instruments ADC32RF83 Datasheet HTML 134Page - Texas Instruments ADC32RF83 Datasheet HTML 135Page - Texas Instruments ADC32RF83 Datasheet HTML 136Page - Texas Instruments ADC32RF83 Datasheet HTML 137Page - Texas Instruments ADC32RF83 Datasheet HTML 138Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 136 / 138 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
72X (0.6)
72X (0.24)
( 8.5)
(9.8)
68X (0.5)
(0.25) TYP
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
(
) TYP
VIA
0.2
(9.8)
(1.315) TYP
(1.315) TYP
4221047/B 02/2014
VQFN - 0.9 mm max height
RMP0072A
VQFN
SYMM
SYMM
SEE DETAILS
LAND PATTERN EXAMPLE
SCALE:8X
1
18
19
36
37
54
55
72
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see QFN/SON PCB application report
in literature No. SLUA271 (www.ti.com/lit/slua271).
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
OPENING
METAL
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com