Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN820 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STSPIN820
Description  Advanced 256 microsteps integrated motor driver with step-clock and direction interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN820 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STSPIN820 Datasheet HTML 2Page - STMicroelectronics STSPIN820 Datasheet HTML 3Page - STMicroelectronics STSPIN820 Datasheet HTML 4Page - STMicroelectronics STSPIN820 Datasheet HTML 5Page - STMicroelectronics STSPIN820 Datasheet HTML 6Page - STMicroelectronics STSPIN820 Datasheet HTML 7Page - STMicroelectronics STSPIN820 Datasheet HTML 8Page - STMicroelectronics STSPIN820 Datasheet HTML 9Page - STMicroelectronics STSPIN820 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Electrical data
STSPIN820
6/29
DocID031065 Rev 2
2
Electrical data
2.1
Absolute maximum ratings
2.2
Recommended operating conditions
2.3
Thermal data
Table 1. Absolute maximum ratings
Symbol
Parameter
Test condition
Value
Unit
VS
Supply voltage
-
-0.3 to 48
V
VIN
Logic input voltage
-
-0.3 to 5.5
V
VOUT,diff Differential voltage between VS, OUTx1, OUTx2 and SENSEx pins
-
up to 48
V
VSENSE Sense pins voltage
-
-2 to 2
V
VREF
Reference voltage input
-
-0.3 to 2
V
IOUT,RMS Continuous power stage output current (each full-bridge)
-
1.5
Arms
Tj
Junction temperature
-
-40 to 150
°C
TSTG
Storage temperature
-
-55 to 150
°C
Table 2. Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VS
Supply voltage
7
-
45
V
VIN
Logic input voltage
-
-
5
V
VSENSE
Sense pins voltage
-1
-
+1
V
VREF
Reference voltage input
0.1
-
1
V
Table 3. Thermal data
Symbol
Parameter
Conditions
Value Unit
RthJA
Junction to ambient thermal resistance
Natural convection, according to JESD51-2A(1)
36.5
°C/W
RthJCtop
Junction to case thermal resistance
(top side)
Cold plate on top package, according to
JESD51-12(1)
27.6
°C/W
RthJCbot
Junction to case thermal resistance
(bottom side)
Cold plate on exposed pad, according to
JESD51-12(1)
5.9
°C/W
RthJB
Junction to board thermal resistance
according to JESD51-8(1)
13.6
°C/W
JT
Junction to top characterization
According to JESD51-2A(1)
1°C/W
JB
Junction to board characterization
According to JESD51-2A(1)
13.7
°C/W
1. Simulated on a 76.2 x 114.3 x 1.6 mm, with vias underneath the component, the 2s2p board as per the standard JEDEC
(JESD51-7) in natural convection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com