Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN820 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STSPIN820
Description  Advanced 256 microsteps integrated motor driver with step-clock and direction interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN820 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STSPIN820 Datasheet HTML 20Page - STMicroelectronics STSPIN820 Datasheet HTML 21Page - STMicroelectronics STSPIN820 Datasheet HTML 22Page - STMicroelectronics STSPIN820 Datasheet HTML 23Page - STMicroelectronics STSPIN820 Datasheet HTML 24Page - STMicroelectronics STSPIN820 Datasheet HTML 25Page - STMicroelectronics STSPIN820 Datasheet HTML 26Page - STMicroelectronics STSPIN820 Datasheet HTML 27Page - STMicroelectronics STSPIN820 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Typical applications
STSPIN820
24/29
DocID031065 Rev 2
6
Typical applications
Figure 13. Typical application schematic
Table 12. Typical application values
Name
Value
CS
330 nF
CSPOL
33 µF
RSNSA, RSNSB
330 m
 / 1 W
CEN
10 nF
REN
39 k
CSTBY
1 nF
RSTBY
18 k
ROFF
10 k
 (TOFF  13 µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com