Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN820 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STSPIN820
Description  Advanced 256 microsteps integrated motor driver with step-clock and direction interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN820 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STSPIN820 Datasheet HTML 21Page - STMicroelectronics STSPIN820 Datasheet HTML 22Page - STMicroelectronics STSPIN820 Datasheet HTML 23Page - STMicroelectronics STSPIN820 Datasheet HTML 24Page - STMicroelectronics STSPIN820 Datasheet HTML 25Page - STMicroelectronics STSPIN820 Datasheet HTML 26Page - STMicroelectronics STSPIN820 Datasheet HTML 27Page - STMicroelectronics STSPIN820 Datasheet HTML 28Page - STMicroelectronics STSPIN820 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
DocID031065 Rev 2
25/29
STSPIN820
Layout recommendations
29
7
Layout recommendations
The STSPIN820 integrates the power stage; in order to improve the thermal dissipation, the
exposed pad must be connected to the ground plane on the bottom layer using multiple vias
equally spaced. This ground plane acts as a heatsink, for this reason it should be as wide as
possible.
The voltage supply VS must be stabilized and filtered with a ceramic bypass capacitor,
typically 330 nF. It must be placed on the same side and as close as possible to the VS pin
in order to reject high frequency noise components on the supply. A bulk capacitor could
also be required (typically a 33
F). The connection between the power supply connector
and the VS pins must be as short as possible using wide traces.
In order to ensure the best ground connection between the STSPIN820 and the other
components, a GND plane surrounding the device is recommended.
A capacitor between the REF pin and ground should be positioned as near as possible to
the device in order to filter the noise and stabilize the reference voltage.
Several vias should be positioned as near as possible each sense resistor connecting them
to the ground plane on the bottom layer. In this way, both the GND planes provide a path for
the current flowing into the power stage.
The path between the ground of the shunt resistors and the ceramic bypass capacitor of the
device is critical; for this reason it must be as short as possible minimizing parasitic
inductances that can cause voltage spikes on SENSE and OUT pins.
The OUT pins and the VS nets can be routed using the bottom layer, it is recommended to
use two vias for output connections.
Figure 14. PCB layout example (top layer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com