Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN820 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STSPIN820
Description  Advanced 256 microsteps integrated motor driver with step-clock and direction interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN820 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STSPIN820 Datasheet HTML 5Page - STMicroelectronics STSPIN820 Datasheet HTML 6Page - STMicroelectronics STSPIN820 Datasheet HTML 7Page - STMicroelectronics STSPIN820 Datasheet HTML 8Page - STMicroelectronics STSPIN820 Datasheet HTML 9Page - STMicroelectronics STSPIN820 Datasheet HTML 10Page - STMicroelectronics STSPIN820 Datasheet HTML 11Page - STMicroelectronics STSPIN820 Datasheet HTML 12Page - STMicroelectronics STSPIN820 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
DocID031065 Rev 2
9/29
STSPIN820
Electrical characteristics
29
tMODE,su MODE inputs setup time
(2)
20
-
-
ns
tMODE,ho MODE inputs hold time
(2)
20
-
-
ns
tDIR,su
DIR input setup time
(2)
20
-
-
ns
tDIR,ho
DIR input hold time
(2)
20
-
-
ns
tSTCKH
STCK input high time
(2)
20
-
-
ns
tSTCKL
STCK input low time
(2)
20
-
-
ns
fSTCK
STCK input frequency
(2)
--
4
MHz
tSTCK,d
STCK propagation delay
-
-
100
-
ns
PWM current control
tOFF
Total OFF time
ROFF = 10 k
-13
-
µs
ROFF = 160 k
-146
-
µs
tOFF
OFF time precision
Full temperature range(1)
-20%
-
+20%
-
tOFF,jitter Total OFF time jittering
-
-
± 2%
-
-
tOFF,SLOW Slow decay time(3)
DECAY = '0'
-
5/8 × tOFF
-µs
DECAY = '1'
-
tOFF
-µs
tOFF,FAST Fast decay time(3)
DECAY = '0'
-
3/8 × tOFF
-µs
DECAY = '1'
-
0
-
µs
Protections
TjSD
Thermal shutdown threshold
-
-
160
-
°C
TjSD,Hyst Thermal shutdown hysteresis
-
-
40
-
°C
IOC
Overcurrent protection threshold
-
-
3
3.5
A
1. Based on characterization data on a limited number of samples, not tested during production.
2. See Figure 4 on page 13.
3. See Figure 5 on page 17.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com