Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN820 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STSPIN820
Description  Advanced 256 microsteps integrated motor driver with step-clock and direction interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN820 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STSPIN820 Datasheet HTML 7Page - STMicroelectronics STSPIN820 Datasheet HTML 8Page - STMicroelectronics STSPIN820 Datasheet HTML 9Page - STMicroelectronics STSPIN820 Datasheet HTML 10Page - STMicroelectronics STSPIN820 Datasheet HTML 11Page - STMicroelectronics STSPIN820 Datasheet HTML 12Page - STMicroelectronics STSPIN820 Datasheet HTML 13Page - STMicroelectronics STSPIN820 Datasheet HTML 14Page - STMicroelectronics STSPIN820 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
DocID031065 Rev 2
11/29
STSPIN820
Pin connection
29
12
OUTB1
Power output Power bridge output side B1
13
SENSEB2
Power output Sense output of the bridge B
14
SENSEB1
Power output Sense output of the bridge B
15
SNSB
Analog input
Full-bridge B current regulator sense input
16
STBY\RESET
Logic input
Standby\reset input.
When forced low the device enters in low consumption
mode.
17
EN\FAULT
Logic input\
open-drain
output
Logic input 5 V compliant with open-drain output.
This is the power stage enable (when low, the power
stage is turned off) and is forced low through the
integrated open-drain MOSFET when a failure occurs.
18
DECAY
Logic input
Decay mode selection input.
High logic level sets slow decay mode; low logic level
sets mixed decay mode (see Section 5.3 on page 16
for more details).
19
STCK
Logic input
Step clock input
20
DIR
Logic input
Direction input
21
MODE1
Logic input
Step mode selection input 1
22
MODE2
Logic input
Step mode selection input 2
23
MODE3
Logic input
Step mode selection input 3
24
TOFF
Analog input
Internal oscillator frequency adjustment
Table 6. Pin description (continued)
No.
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com