Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN820 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STSPIN820
Description  Advanced 256 microsteps integrated motor driver with step-clock and direction interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN820 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STSPIN820 Datasheet HTML 10Page - STMicroelectronics STSPIN820 Datasheet HTML 11Page - STMicroelectronics STSPIN820 Datasheet HTML 12Page - STMicroelectronics STSPIN820 Datasheet HTML 13Page - STMicroelectronics STSPIN820 Datasheet HTML 14Page - STMicroelectronics STSPIN820 Datasheet HTML 15Page - STMicroelectronics STSPIN820 Datasheet HTML 16Page - STMicroelectronics STSPIN820 Datasheet HTML 17Page - STMicroelectronics STSPIN820 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Functional description
STSPIN820
14/29
DocID031065 Rev 2
When the full-step mode is set, the reference value of the PWM current controllers and the
direction of the currents are set as listed in Table 8.
When the step mode is different from the full-step mode the values listed in Table 9 are
used.
The DECAY input determinates the behavior of the PWM current control as described in
Section 5.3.
When the EN\FAULT input is forced low the power stage is immediately disabled (all
MOSFETs are turned off). The pin is also used as FAULT indication through the integrated
open-drain MOSFET as described in Section 5.4 on page 19 and Section 5.5 on page 22.
Table 10 shows the target reference and sequencer values for the 1/2-, 1/4- and 1/8-step
operation. Higher microstepping resolutions follow the same pattern. The reset state (home
state) for all stepping mode is entered at power-up or when the device exits the standby
status.
Table 8. Target reference and current direction according to sequencer value (full-step mode)
Sequencer value
Phase A
Phase B
Reference voltage Current direction Reference voltage Current direction
0 0 X X X X XXX X
100% × VREF
A1 → A2
100% × VREF
B1 → B2
0 1 X X X X XXX X
100% × VREF
A1 → A2
100% × VREF
B1 ← B2
1 0 X X X X XXX X
100% × VREF
A1 ← A2
100% × VREF
B1 ← B2
1 1 X X X X XXX X
100% × VREF
A1 ← A2
100% × VREF
B1 → B2
Table 9. Target reference and current direction according to sequencer value (not full-step mode)
Sequencer value
Phase A
Phase B
Reference voltage
Current
direction
Reference voltage
Reference
voltage
0 0 0 0 0 0 0 0 0 0 Zero (power bridge disabled)
-
100% × VREF
B1 → B2
00
N
Sin (N/256 × π/2) × VREF
A1 → A2
-
B1 → B2
0 1 0 0 0 0 0 0 0 0
100% × VREF
A1 → A2 Zero (power bridge disabled)
-
01
N
Sin (π/2 + N/256 × π/2) ×
VREF
A1 → A2
Cos (π/2 + N/256 × π/2) ×
VREF
B1 ← B2
1 0 0 0 0 0 0 0 0 0 Zero (power bridge disabled)
-
100% × VREF
B1 ← B2
10
N
Sin (N/256 × π/2) × VREF
A1 ← A2
Cos (N/256 × π/2) × VREF
B1 ← B2
1 1 0 0 0 0 0 0 0 0
100% × VREF
A1 ← A2 Zero (power bridge disabled)
-
11
N
Sin (π/2 + N/256 × π/2) ×
VREF
A1 ← A2
Cos (π/2 + N/256 × π/2) ×
VREF
B1 → B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com