Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN820 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STSPIN820
Description  Advanced 256 microsteps integrated motor driver with step-clock and direction interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN820 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STSPIN820 Datasheet HTML 11Page - STMicroelectronics STSPIN820 Datasheet HTML 12Page - STMicroelectronics STSPIN820 Datasheet HTML 13Page - STMicroelectronics STSPIN820 Datasheet HTML 14Page - STMicroelectronics STSPIN820 Datasheet HTML 15Page - STMicroelectronics STSPIN820 Datasheet HTML 16Page - STMicroelectronics STSPIN820 Datasheet HTML 17Page - STMicroelectronics STSPIN820 Datasheet HTML 18Page - STMicroelectronics STSPIN820 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
DocID031065 Rev 2
15/29
STSPIN820
Functional description
29
Note:
The positive number means that the output current is flowing from OUTx1 to OUTx2, vice
versa the negative numbers mean that the current is flowing from OUTx2 to OUTx1.
Table 10. Example
1/2 step
1/4 step
1/8 step
VREF phase A VREF phase B
Sequencer value
1
1
1
0%
100%
0000000000 home state
-
-
2
19.509%
98.079%
0000100000
-
2
3
38.268%
92.388%
0001000000
-
-
4
55.557%
83.147%
0001100000
2
3
5
70.711%
70.711%
0010000000
-
-
6
83.147%
55.557%
0010100000
-
4
7
92.388%
38.268%
0011000000
-
-
8
98.079%
19.509%
0011100000
3
5
9
100%
0%
0100000000
-
-
10
98.079%
-19.509%
0100100000
-
6
11
92.388%
-38.268%
0101000000
-
-
12
83.147%
-55.557%
0101100000
4
7
13
70.711%
-70.711%
0110000000
-
-
14
55.557%
-83.147%
0110100000
-
8
15
38.268%
-92.388%
0111000000
-
-
16
19.509%
-98.079%
0111100000
5
9
17
0%
-100%
1000000000
-
-
18
-19.509%
-98.079%
1000100000
-
10
19
-38.268%
-92.388%
1001000000
-
-
20
-55.557%
-83.147%
1001100000
6
11
21
-70.711%
-70.711%
1010000000
-
-
22
-83.147%
-55.557%
1010100000
-
12
23
-92.388%
-38.268%
1011000000
-
-
24
-98.079%
-19.509%
1011100000
7
13
25
-100%
0%
1100000000
-
-
26
-98.079%
19.509%
1100100000
-
14
27
-92.388%
38.268%
1101000000
-
-
28
-83.147%
55.557%
1101100000
8
15
29
-70.711%
70.711%
1110000000
-
-
30
-55.557%
83.147%
1110100000
-
16
31
-38.268%
92.388%
1111000000
-
-
32
-19.509%
98.079%
1111100000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com