Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN820 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STSPIN820
Description  Advanced 256 microsteps integrated motor driver with step-clock and direction interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN820 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STSPIN820 Datasheet HTML 9Page - STMicroelectronics STSPIN820 Datasheet HTML 10Page - STMicroelectronics STSPIN820 Datasheet HTML 11Page - STMicroelectronics STSPIN820 Datasheet HTML 12Page - STMicroelectronics STSPIN820 Datasheet HTML 13Page - STMicroelectronics STSPIN820 Datasheet HTML 14Page - STMicroelectronics STSPIN820 Datasheet HTML 15Page - STMicroelectronics STSPIN820 Datasheet HTML 16Page - STMicroelectronics STSPIN820 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
DocID031065 Rev 2
13/29
STSPIN820
Functional description
29
5.2
Microstepping sequencer
At each STCK rising edge, the sequencer of the device is increased (DIR input high) or
decreased (DIR input low) of a module selected through the MODEx inputs as listed in
Table 7.
The sequencer is a 10-bit counter that sets the reference value of the PWM current
controller and the direction of the current for both of the full-bridges.
Note:
The MODE1, MODE2 and MODE3 configuration can be changed in any time and it is
immediately applied.
Figure 4. MODEx, STCK and DIR timing diagram
Table 7. Step mode selection through MODEx inputs
MODE3
MODE2
MODE1
Step mode
Counter module (binary)
0
0
0
Full-step
0100000000
0
0
1
½ step
0010000000
0
1
0
¼ step
0001000000
01
1
1/8th step
0000100000
10
0
1/16th step
0000010000
10
1
1/32nd step
0000001000
1
1
0
1/128th step
0000000010
1
1
1
1/256th step
0000000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com