Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN820 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STSPIN820
Description  Advanced 256 microsteps integrated motor driver with step-clock and direction interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN820 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STSPIN820 Datasheet HTML 6Page - STMicroelectronics STSPIN820 Datasheet HTML 7Page - STMicroelectronics STSPIN820 Datasheet HTML 8Page - STMicroelectronics STSPIN820 Datasheet HTML 9Page - STMicroelectronics STSPIN820 Datasheet HTML 10Page - STMicroelectronics STSPIN820 Datasheet HTML 11Page - STMicroelectronics STSPIN820 Datasheet HTML 12Page - STMicroelectronics STSPIN820 Datasheet HTML 13Page - STMicroelectronics STSPIN820 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Pin connection
STSPIN820
10/29
DocID031065 Rev 2
4
Pin connection
Figure 2. Pin connection (top view)
Note:
The exposed pad must be connected to ground.
Table 6. Pin description
No.
Name
Type
Function
1
REF
Analog input
Reference voltage for the PWM current control circuitry
2, 3 EPAD
GND
Ground
Device ground
4
SNSA
Analog input
Full-bridge A current regulator sense input
5
SENSEA1
Power output Sense output of the bridge A
6
SENSEA2
Power output Sense output of the bridge A
7
OUTA1
Power output Power bridge output side A1
8
OUTA2
Power output Power bridge output side A2
9
VS
Supply
Device supply voltage
10
VS
Supply
Device supply voltage
11
OUTB2
Power output Power bridge output side B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com