Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN820 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSPIN820
Description  Advanced 256 microsteps integrated motor driver with step-clock and direction interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN820 Datasheet(HTML) 1 Page - STMicroelectronics

  STSPIN820 Datasheet HTML 1Page - STMicroelectronics STSPIN820 Datasheet HTML 2Page - STMicroelectronics STSPIN820 Datasheet HTML 3Page - STMicroelectronics STSPIN820 Datasheet HTML 4Page - STMicroelectronics STSPIN820 Datasheet HTML 5Page - STMicroelectronics STSPIN820 Datasheet HTML 6Page - STMicroelectronics STSPIN820 Datasheet HTML 7Page - STMicroelectronics STSPIN820 Datasheet HTML 8Page - STMicroelectronics STSPIN820 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
This is information on a product in full production.
December 2017
DocID031065 Rev 2
1/29
STSPIN820
Advanced 256 microsteps integrated motor driver with
step-clock and direction interface
Datasheet
- production data
Features
 Operating voltage from 7 to 45 V
 Maximum output current 1.5 Arms
 RDSon HS + LS = 1 Ω typ.
 Microstepping up to 1/256th of step
 Current control with programmable OFF time
 Current sensing based on external shunt
resistor
 Full protection set
 Non-dissipative overcurrent protection
 Short-circuit protection
 Undervoltage lockout
 Thermal shutdown
 Standby low consumption
Applications
 3D printers
 Medical equipment
 Industrial 2D printers
 Textile and sewing machines
 CCTV, security and dome cameras
 ATM and cash handling machines
 Office and home automation
 POS
 Robotics
Description
The STSPIN820 is a stepper motor driver which
integrates, in a small QFN 4 x 4 mm package,
both control logic and a low RDSon power stage.
The integrated controller implements a PWM
current control with fixed OFF time and a
microstepping resolution up to 1/256th of the step.
The device can be forced into a low consumption
state.
The device offers a complete set of protection
features including overcurrent, overtemperature
and short-circuit protection.
QFN 4 x 4 - 24 lead
www.st.com


Similar Part No. - STSPIN820

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSPIN830 STMICROELECTRONICS-STSPIN830 Datasheet
945Kb / 27P
Compact and versatile three-phase and three-sense motor driver
Rev 2 - August 2019
STSPIN840 STMICROELECTRONICS-STSPIN840 Datasheet
720Kb / 28P
Compact dual brushed DC motor driver
Rev 1
More results

Similar Description - STSPIN820

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-013-42 TRINAMIC-TMCM-013-42 Datasheet
472Kb / 1P
1-Axis Motor Mounted Step/Direction Driver 1.1A/30V with RS-485
logo
THine Electronics, Inc.
THM3561 THINE-THM3561 Datasheet
621Kb / 21P
Stepping Motor Driver with LVDS Interface
logo
TRINAMIC Motion Control...
TMC2100-LA TRINAMIC-TMC2100-LA Datasheet
1Mb / 46P
Standalone intelligent Step/Direction driver
TMCM-1070 TRINAMIC-TMCM-1070 Datasheet
2Mb / 23P
Step and direction interface
TMC2100 TRINAMIC-TMC2100 Datasheet
1Mb / 48P
Standalone intelligent Step/Direction driver for two-phase bipolar stepper motor.
logo
Texas Instruments
DRV8436 TI1-DRV8436 Datasheet
1Mb / 40P
Stepper Drivers With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and Smart Tune Technology
DRV8426 TI1-DRV8426 Datasheet
2Mb / 49P
DRV8426 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
DRV8428 TI1-DRV8428 Datasheet
1Mb / 53P
DRV8428 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
DRV8434 TI-DRV8434 Datasheet
4Mb / 56P
DRV8434 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
DRV8849 TI-DRV8849 Datasheet
1Mb / 35P
DRV8849: 38 V, 1.5 A Dual Stepper Driver with Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and Smart Tune
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com