Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182H Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSZ182H
Description  Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182H Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSZ182H Datasheet HTML 2Page - STMicroelectronics TSZ182H Datasheet HTML 3Page - STMicroelectronics TSZ182H Datasheet HTML 4Page - STMicroelectronics TSZ182H Datasheet HTML 5Page - STMicroelectronics TSZ182H Datasheet HTML 6Page - STMicroelectronics TSZ182H Datasheet HTML 7Page - STMicroelectronics TSZ182H Datasheet HTML 8Page - STMicroelectronics TSZ182H Datasheet HTML 9Page - STMicroelectronics TSZ182H Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Table 5. Electrical characteristics (VCC+ = 3.3 V, VCC- = 0 V, Vicm = VCC/2, T = 25 °C, RL=10 kΩ connected to
VCC/2, unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
VIO
Input offset voltage
T = 25 °C
2
30
µV
Tmin < T < Tmax
49
|∆VIO/∆T| Input offset voltage drift(1)
Tmin < T < Tmax
0.15
µV/°C
IIB
Input bias current (VOUT=VCC/2)
T = 25 °C
30
200
pA
Tmin < T < Tmax
400
IIO
Input offset current (2) (VOUT=VCC/2)
T = 25 °C
60
400
Tmin < T < Tmax
600
CMR1
Common-mode rejection ratio (3),
Vic=0 V to VCC, VOUT =VCC/2, RL>1 MΩ
T = 25 °C
104
120
dB
Tmin < T < Tmax
100
CMR2
Common-mode rejection ratio(3),
VOUT =VCC/2, RL>1 MΩ
T = 25 °C,
Vic = 0 to VCC-1.8 V
106
132
Tmin < T < Tmax,
Vic = 0 to VCC-2 V
104
Avd
Large signal voltage gain,
VOUT =0.5 V to (VCC -0.5 V)
T = 25 °C
120
138
Tmin < T < Tmax
110
VOH
High-level output voltage,
VOH = VCC - VOUT
T = 25 °C
16
40
mV
Tmin < T < Tmax
70
VOL
Low-level output voltage
T = 25 °C
11
30
Tmin < T < Tmax
70
IOUT
Isink (VOUT = VCC)
T = 25 °C
10
15
mA
Tmin < T < Tmax
7.1
Isource (VOUT =0 V)
T = 25 °C
6
11
Tmin < T < Tmax
3.8
ICC
Supply current per channel,
VOUT = VCC /2, RL>1 MΩ
T = 25 °C
0.7
1
Tmin < T < Tmax
1.2
AC performance
GBP
Gain bandwidth product,
RL=10 kΩ, CL=100 pF
T = 25 °C
2
2.8
MHz
Tmin < T < Tmax
1.5
Φm
Phase margin
RL = 10 kΩ, CL = 100 pF
56
degrees
Gm
Gain margin
15
dB
SR
Slew rate(4)
T = 25 °C
2.6
4.5
V/µs
Tmin < T < Tmax
2.1
ts
Settling time
To 0.1%, Vin = 1.2 Vpp
550
ns
en
Equivalent input noise voltage density
f=1 kHz
40
nV/√Hz
f = 10 kHz
40
TSZ182H
Electrical characteristics
DS13229 - Rev 1
page 6/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com