Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182H Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSZ182H
Description  Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182H Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSZ182H Datasheet HTML 8Page - STMicroelectronics TSZ182H Datasheet HTML 9Page - STMicroelectronics TSZ182H Datasheet HTML 10Page - STMicroelectronics TSZ182H Datasheet HTML 11Page - STMicroelectronics TSZ182H Datasheet HTML 12Page - STMicroelectronics TSZ182H Datasheet HTML 13Page - STMicroelectronics TSZ182H Datasheet HTML 14Page - STMicroelectronics TSZ182H Datasheet HTML 15Page - STMicroelectronics TSZ182H Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Figure 14. Input offset voltage vs temperature
Figure 15. VOH vs supply voltage
Figure 16. VOL vs supply voltage
Figure 17. Output current vs output voltage at
VCC = 5 V
Figure 18. Output current vs. output voltage at
VCC = 2.2 V
Figure 19. Input bias current vs common-mode at
VCC = 5 V
TSZ182H
Electrical characteristics
DS13229 - Rev 1
page 12/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com