Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182H Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSZ182H
Description  Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182H Datasheet(HTML) 4 Page - STMicroelectronics

  TSZ182H Datasheet HTML 1Page - STMicroelectronics TSZ182H Datasheet HTML 2Page - STMicroelectronics TSZ182H Datasheet HTML 3Page - STMicroelectronics TSZ182H Datasheet HTML 4Page - STMicroelectronics TSZ182H Datasheet HTML 5Page - STMicroelectronics TSZ182H Datasheet HTML 6Page - STMicroelectronics TSZ182H Datasheet HTML 7Page - STMicroelectronics TSZ182H Datasheet HTML 8Page - STMicroelectronics TSZ182H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
3
Electrical characteristics
Table 4. Electrical characteristics (VCC+ = 2.2 V, VCC- = 0 V, Vicm = VCC/2, T = 25 °C, RL=10 kΩ connected to
VCC/2, unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
VIO
Input offset voltage
T=25 °C
3.5
35
µV
Tmin < T < Tmax
54
|∆VIO/∆T| Input offset voltage drift(1)
Tmin < T < Tmax
0.15
µV/°C
IIB
Input bias current(2)(VOUT=VCC/2)
T = 25 °C
30
200
pA
Tmin < T < Tmax
400
IIO
Input offset current(2) (VOUT=VCC/2)
T = 25 °C
60
400
Tmin < T < Tmax
600
CMR1
Common-mode rejection ratio(3),
Vic = 0 V to VCC, VOUT =VCC/2, RL>1 MΩ
T = 25 °C
96
115
dB
Tmin < T < Tmax
90
Avd
Large signal voltage gain,
VOUT =0.5 V to (VCC - 0.5 V)
T=25 °C
112
130
Tmin < T < Tmax
98
VOH
High-level output voltage,
VOH = VCC - VOUT
T=25 °C
15
40
mV
Tmin < T < Tmax
70
VOL
Low-level output voltage
T = 25 °C
10
30
Tmin < T < Tmax
70
IOUT
Isink (VOUT = VCC)
T = 25 °C
4
6
mA
Tmin < T < Tmax
2.37
Isource (VOUT =0 V)
T = 25 °C
3.5
4
Tmin < T < Tmax
1.9
ICC
Supply current per channel,
VOUT = VCC/2, RL>1 MΩ
T = 25 °C
0.7
1
Tmin < T < Tmax
1.2
AC performance
GBP
Gain bandwidth product,
RL = 10 kΩ, CL = 100 pF
T = 25 °C
1.6
2.3
MHz
Tmin < T < Tmax
1.1
Φm
Phase margin
RL = 10 kΩ, CL=100 pF
59
degrees
Gm
Gain margin
16
dB
SR
Slew rate (4)
T=25 °C
3
4.6
V/µs
Tmin < T < Tmax
2.5
ts
Settling time
To 0.1%, Vin = 0.8 Vpp
500
ns
en
Equivalent input noise voltage density
f = 1 kHz
50
nV/√Hz
f =10 kHz
50
en-pp
Voltage noise
f = 0.1 to 10 Hz
0.6
µVpp
TSZ182H
Electrical characteristics
DS13229 - Rev 1
page 4/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com