Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182H Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSZ182H
Description  Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182H Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSZ182H Datasheet HTML 16Page - STMicroelectronics TSZ182H Datasheet HTML 17Page - STMicroelectronics TSZ182H Datasheet HTML 18Page - STMicroelectronics TSZ182H Datasheet HTML 19Page - STMicroelectronics TSZ182H Datasheet HTML 20Page - STMicroelectronics TSZ182H Datasheet HTML 21Page - STMicroelectronics TSZ182H Datasheet HTML 22Page - STMicroelectronics TSZ182H Datasheet HTML 23Page - STMicroelectronics TSZ182H Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Contents
1
Package pin connections ..........................................................2
2
Absolute maximum ratings and operation conditions ..............................3
3
Electrical characteristics...........................................................4
4
Package information..............................................................18
4.1
SO8 package information....................................................... 18
5
Ordering information .............................................................19
Revision history .......................................................................20
TSZ182H
Contents
DS13229 - Rev 1
page 21/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com