Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182H Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSZ182H
Description  Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182H Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSZ182H Datasheet HTML 16Page - STMicroelectronics TSZ182H Datasheet HTML 17Page - STMicroelectronics TSZ182H Datasheet HTML 18Page - STMicroelectronics TSZ182H Datasheet HTML 19Page - STMicroelectronics TSZ182H Datasheet HTML 20Page - STMicroelectronics TSZ182H Datasheet HTML 21Page - STMicroelectronics TSZ182H Datasheet HTML 22Page - STMicroelectronics TSZ182H Datasheet HTML 23Page - STMicroelectronics TSZ182H Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
List of figures
Figure 1.
Pin connections (top view) ............................................................ 2
Figure 2.
Supply current vs supply voltage....................................................... 10
Figure 3.
Input offset voltage distribution at VCC = 5 V ............................................... 10
Figure 4.
Input offset voltage distribution at VCC = 3.3 V ............................................. 10
Figure 5.
Input offset voltage distribution at VCC = 2.2 V ............................................. 10
Figure 6.
Input offset voltage distribution at VCC = 5 V, T = 150 °C ...................................... 10
Figure 7.
Input offset voltage distribution at VCC = 5 V, T = -40 °C ...................................... 10
Figure 8.
Input offset voltage distribution at VCC=2.2 V, T = 150 °C ...................................... 11
Figure 9.
Input offset voltage distribution at VCC=2.2 V, T = -40 °C ...................................... 11
Figure 10.
Input offset voltage vs supply voltage ................................................... 11
Figure 11.
Input offset voltage vs input common mode at VCC= 5 V ...................................... 11
Figure 12.
Input offset voltage vs input common mode at VCC= 3.3 V ..................................... 11
Figure 13.
Input offset voltage vs input common mode at VCC= 2.2 V ..................................... 11
Figure 14.
Input offset voltage vs temperature ..................................................... 12
Figure 15.
VOH vs supply voltage .............................................................. 12
Figure 16.
VOL vs supply voltage .............................................................. 12
Figure 17.
Output current vs output voltage at VCC = 5 V.............................................. 12
Figure 18.
Output current vs. output voltage at VCC = 2.2 V ............................................ 12
Figure 19.
Input bias current vs common-mode at VCC = 5 V ........................................... 12
Figure 20.
Input bias current vs. temperature at VCC = 5 V ............................................ 13
Figure 21.
Output rail linearity ................................................................ 13
Figure 22.
Bode diagram at VCC=5 V ........................................................... 13
Figure 23.
Bode diagram at VCC=2.2 V .......................................................... 13
Figure 24.
Bode diagram at VCC=3.3 V .......................................................... 13
Figure 25.
Open loop gain vs frequency ......................................................... 13
Figure 26.
Positive slew rate vs supply voltage..................................................... 14
Figure 27.
Negative slew rate vs supply voltage .................................................... 14
Figure 28.
Noise 0.1 – 10 Hz vs time ........................................................... 14
Figure 29.
Noise vs frequency ................................................................ 14
Figure 30.
Output overshoot vs load capacitance ................................................... 14
Figure 31.
Small signal VCC = 5 V ............................................................. 14
Figure 32.
Small signal VCC = 2.2 V ............................................................ 15
Figure 33.
Large signal VCC = 5 V ............................................................. 15
Figure 34.
Large signal VCC = 2.2 V ............................................................ 15
Figure 35.
Negative overvoltage recovery VCC = 2.2 V ............................................... 15
Figure 36.
Positive overvoltage recovery VCC = 5 V ................................................. 15
Figure 37.
Output impedance vs frequency ....................................................... 15
Figure 38.
Settling time positive step (-2 V to 0 V)................................................... 16
Figure 39.
Settling time negative step (2 V to 0 V) .................................................. 16
Figure 40.
Settling time positive step (-0.8 V to 0 V) ................................................. 16
Figure 41.
Settling time negative step (0.8 V to 0 V) ................................................. 16
Figure 42.
Maximum output voltage vs frequency ................................................... 16
Figure 43.
Crosstalk vs frequency ............................................................. 16
Figure 44.
PSSR vs frequency ................................................................ 17
Figure 45.
SO8 package outline ............................................................... 18
TSZ182H
List of figures
DS13229 - Rev 1
page 23/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com