Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182H Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSZ182H
Description  Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182H Datasheet(HTML) 1 Page - STMicroelectronics

  TSZ182H Datasheet HTML 1Page - STMicroelectronics TSZ182H Datasheet HTML 2Page - STMicroelectronics TSZ182H Datasheet HTML 3Page - STMicroelectronics TSZ182H Datasheet HTML 4Page - STMicroelectronics TSZ182H Datasheet HTML 5Page - STMicroelectronics TSZ182H Datasheet HTML 6Page - STMicroelectronics TSZ182H Datasheet HTML 7Page - STMicroelectronics TSZ182H Datasheet HTML 8Page - STMicroelectronics TSZ182H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SO8
Features
•
AEC-Q100 qualified
•
Very high accuracy and stability:
–
25 µV max. offset voltage at 25 °C
–
44 µV offset voltage over full temperature range
•
Rail-to-rail input and output
•
Low supply voltage: 2.2 - 5.5 V
•
Low power consumption: 1 mA max. at 5 V
•
Gain bandwidth product: 3 MHz
•
Extended temperature range: -40 to 150 °C
•
Micropackage: SO8
•
Benefits:
–
Higher accuracy without calibration
–
Accuracy virtually unaffected by temperature change
Applications
•
High accuracy signal conditioning
•
Current measurement
•
Sensor signal conditioning
•
Automotive
Description
The TSZ182H is a dual operational amplifier, featuring very low offset voltages with
virtually zero-drift versus temperature changes. The TSZ182H offers rail-to-rail input
and output, excellent speed/power consumption ratio, and 3 MHz gain bandwidth
product, while consuming just 1 mA at 5 V. The device operates over an extended
range of -40 to +150°C and features an ultra-low input bias current. These features
make the TSZ182H ideal for high-accuracy high-bandwidth sensor interfaces for
automotive environment.
Product status link
TSZ182H
Related products
TSZ182
For -40/125 °C
range
Automotive-grade, very high accuracy (25 µV), high bandwidth (3 MHz), high
temperature (150 °C), zero-drift operational amplifiers
TSZ182H
Datasheet
DS13229 - Rev 1 - January 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSZ182H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSZ182H STMICROELECTRONICS-TSZ182H Datasheet
1Mb / 26P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Rev 2 - December 2020
TSZ182HYDT STMICROELECTRONICS-TSZ182HYDT Datasheet
1Mb / 26P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Rev 2 - December 2020
More results

Similar Description - TSZ182H

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
Zero Drift operational amplifiers
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
Zero-Drift Operational Amplifiers
logo
STMicroelectronics
TSZ121 STMICROELECTRONICS-TSZ121 Datasheet
2Mb / 38P
Very high accuracy zero drift micropower 5 V operational amplifiers
09-May-2016
TSZ182 STMICROELECTRONICS-TSZ182 Datasheet
2Mb / 39P
Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
21-Nov-2016
logo
Asahi Kasei Microsystem...
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
Zero Drift operational amplifiers
logo
STMicroelectronics
TSZ181 STMICROELECTRONICS-TSZ181 Datasheet
2Mb / 43P
Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
Rev 5 - August 2018
TSZ181H STMICROELECTRONICS-TSZ181H Datasheet
1Mb / 26P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Rev 2 - December 2020
TSU111H STMICROELECTRONICS-TSU111H Datasheet
27Mb / 31P
High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
06-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com