Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182H Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSZ182H
Description  Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182H Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSZ182H Datasheet HTML 5Page - STMicroelectronics TSZ182H Datasheet HTML 6Page - STMicroelectronics TSZ182H Datasheet HTML 7Page - STMicroelectronics TSZ182H Datasheet HTML 8Page - STMicroelectronics TSZ182H Datasheet HTML 9Page - STMicroelectronics TSZ182H Datasheet HTML 10Page - STMicroelectronics TSZ182H Datasheet HTML 11Page - STMicroelectronics TSZ182H Datasheet HTML 12Page - STMicroelectronics TSZ182H Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
SR
Slew rate(6)
Tmin < T < Tmax
V/µs
2.4
ts
Settling time
To 0.1%, Vin=1.5 Vpp
600
ns
To 0.01%, Vin=1 Vpp
4
µs
en
Equivalent input noise voltage density
f = 1 kHz
37
nV/√Hz
f = 10 kHz
37
en-pp
Voltage noise
f=0.1 to 10 Hz
0.4
µVpp
Cs
Channel separation
f = 100 Hz
135
dB
tinit
Initialization time, G=100(7)
T = 25 °C
60
µs
Tmin < T < Tmax
100
1. Input offset measurements are performed on x100 gain configuration. The amplifiers and the gain setting resistors are at the
same temperature.
2. Guaranteed by design
3. CMR is defined as 20xLOG(∆Vicm/∆Vio).
4. SVR is defined as 20xLOG(∆Vcc/∆Vio).
5. EMIRR is defined as -20Log(VRF_Peak/∆Vio), tested on the MiniSO8 package, RF injection on the IN- pin.
6. Slew rate value is calculated as the average between positive and negative slew rates.
7. Initialization time is defined as the delay between the moment when supply voltage exceeds 2.2 V and output voltage
stabilization.
TSZ182H
Electrical characteristics
DS13229 - Rev 1
page 9/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com