Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182H Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSZ182H
Description  Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182H Datasheet(HTML) 3 Page - STMicroelectronics

  TSZ182H Datasheet HTML 1Page - STMicroelectronics TSZ182H Datasheet HTML 2Page - STMicroelectronics TSZ182H Datasheet HTML 3Page - STMicroelectronics TSZ182H Datasheet HTML 4Page - STMicroelectronics TSZ182H Datasheet HTML 5Page - STMicroelectronics TSZ182H Datasheet HTML 6Page - STMicroelectronics TSZ182H Datasheet HTML 7Page - STMicroelectronics TSZ182H Datasheet HTML 8Page - STMicroelectronics TSZ182H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2
Absolute maximum ratings and operation conditions
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
6
V
Vid
Differential input voltage(2)
± VCC
V
Vin
Input voltage(3)
(VCC-)-0.2 to (VCC+)+0.2
V
Iin
Input current(4)
10
mA
Tstg
Storage temperature
-65 to 150
°C
Tj
Junction temperature
160
°C
Rth-ja
Thermal resistance junction to ambient (5)(6)
SO8
125
°C/W
ESD
Human body model (HBM)(7)
4
kV
Charged device model (CDM)(8)
1.5
Latch-up immunity
200
mA
1. All voltage values, except differential voltage, are with respect to network ground terminal.
2. The differential voltage is the non-inverting input terminal with respect to the inverting input terminal.
3. VCC - Vin must not exceed 6 V, Vin must not exceed 6 V.
4. Input current must be limited by a resistor in series with the inputs.
5. Rth are typical values.
6. Short-circuits can cause excessive heating and destructive dissipation.
7. Human body model: 100 pF discharged through a 1.5 kΩ resistor between two pins of the device, done for all couples of pin
combinations with other pins floating.
8. Charged device model: all pins plus packages are charged together to the specified voltage and then discharged directly to
ground.
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.2 to 5.5
V
Vicm
Common mode voltage on input pins
(VCC-)-0.1 to (VCC+)+0.1
V
T
Operating free-air temperature range
-40 to 150
°C
TSZ182H
Absolute maximum ratings and operation conditions
DS13229 - Rev 1
page 3/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com