Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182H Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSZ182H
Description  Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182H Datasheet(HTML) 2 Page - STMicroelectronics

  TSZ182H Datasheet HTML 1Page - STMicroelectronics TSZ182H Datasheet HTML 2Page - STMicroelectronics TSZ182H Datasheet HTML 3Page - STMicroelectronics TSZ182H Datasheet HTML 4Page - STMicroelectronics TSZ182H Datasheet HTML 5Page - STMicroelectronics TSZ182H Datasheet HTML 6Page - STMicroelectronics TSZ182H Datasheet HTML 7Page - STMicroelectronics TSZ182H Datasheet HTML 8Page - STMicroelectronics TSZ182H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1
Package pin connections
Figure 1. Pin connections (top view)
Table 1. Pin description
Pin
Pin name
Description
1
OUT1
Output
2
IN1 -
Negative input voltage
3
IN1 +
Positive input voltage
4
VCC -
Negative supply voltage
5
IN2 +
Positive input voltage
6
IN2 -
Negative input voltage
7
OUT2
Output
8
VCC +
Positive supply voltage
TSZ182H
Package pin connections
DS13229 - Rev 1
page 2/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com