Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182H Datasheet(PDF) 22 Page - STMicroelectronics

Part # TSZ182H
Description  Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182H Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TSZ182H Datasheet HTML 16Page - STMicroelectronics TSZ182H Datasheet HTML 17Page - STMicroelectronics TSZ182H Datasheet HTML 18Page - STMicroelectronics TSZ182H Datasheet HTML 19Page - STMicroelectronics TSZ182H Datasheet HTML 20Page - STMicroelectronics TSZ182H Datasheet HTML 21Page - STMicroelectronics TSZ182H Datasheet HTML 22Page - STMicroelectronics TSZ182H Datasheet HTML 23Page - STMicroelectronics TSZ182H Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
List of tables
Table 1.
Pin description...................................................................... 2
Table 2.
Absolute maximum ratings ............................................................. 3
Table 3.
Operating conditions ................................................................. 3
Table 4.
Electrical characteristics (VCC+ = 2.2 V, VCC- = 0 V, Vicm = VCC/2, T = 25 °C, RL=10 kΩ connected to VCC/2, unless
otherwise specified) .................................................................. 4
Table 5.
Electrical characteristics (VCC+ = 3.3 V, VCC- = 0 V, Vicm = VCC/2, T = 25 °C, RL=10 kΩ connected to VCC/2, unless
otherwise specified) .................................................................. 6
Table 6.
Electrical characteristics (VCC+ = 5 V, VCC- = 0 V, Vicm=VCC/2, T = 25 °C, RL=10 kΩ connected to VCC/2, unless
otherwise specified) .................................................................. 8
Table 7.
SO-8 mechanical data ............................................................... 18
Table 8.
Ordering information................................................................. 19
Table 9.
Document revision history ............................................................. 20
TSZ182H
List of tables
DS13229 - Rev 1
page 22/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com