Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P372KSS20 Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 118 page
background image
EM78P372K
8-bit Microcontroller
Product Specification (V1.4) 05.11.2016
 13
(This specification is subject to change without prior notice)
7.1.8
Bank 0 R9 (ADC Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
VREFS
CKR1
CKR0
ADRUN
ADPD
ADIS2
ADIS1
ADIS0
Bit 7 (VREFS): The input source of Vref of the ADC
0: The Vref of the ADC is connected to internal reference voltage
(default value), and the P54/TCC/VREF pin carries out the
function of P54.
1: The Vref of the ADC is connected to P54/TCC/VREF
NOTE
The P54/TCC/VREF pin cannot be applied to TCC and VREF at the same time.
If P54/TCC/VREF functions as VREF analog input pin, then
CONT Bit 5 “TS”
must be
“0”.
The VREF/TCC/P54 Pin Priority is as follows:
Bit 6 and Bit 5 (CKR1 and CKR0): The prescaler of ADC oscillator clock rate
CPUS
CKR1 : CKR0
Operation Mode
Max. Operation
Frequency
( if TAD=4µs,
match 372N )
Max. Operation
Frequency
( if TAD=1µs,
match 372N )
1
00
(default)
FOSC/16
4 MHz
16 MHz
1
01
FOSC/4
1 MHz
4 MHz
1
10
FOSC/64
16 MHz
-
1
11
FOSC/1
-
1 MHz
0

-
16K/128kHz
16K/128kHz
Bit 4 (ADRUN): ADC starts to RUN
0: Reset upon completion of the conversion. This bit cannot be reset
through software
1: AD conversion is started. This bit can be set by software
Bit 3 (ADPD):
ADC Power-down mode
0: Switch off the resistor reference to save power even while the CPU
is operating.
1: ADC is operating
P54/TCC/VREF Pin Priority
High
Medium
Low
VREF
TCC
P54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com