Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P372KSS20 Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 118 page
background image
Contents
viii
Product Specification (V1.4) 05.11.2016
User Application Note
(Before using this IC, take a look at the following description note, it includes important messages.)
1.
We strongly recommend that users have to individually place an external pull-down or pull-high
resistor (0Ω/1kΩ/10kΩ/100kΩ) on P51 and P50 respectively, no matter what the pin function is.
The purpose of this is to prevent P51 or P50 from floating.
2.
The value in the dead-time register must be less than the value in the duty cycle register, in order
to prevent unexpected behavior on both of the PWM outputs.
3.
The PWM output will not be set, if the duty cycle is “0”.
4.
The internal TCC will stop running when in sleep mode. However, during AD conversion, when
TCC is set to “SLEP” instruction, if the ADWE bit of the RE register is enabled, the TCC will keep
on running.
5.
During ADC conversion, do not perform output instruction to maintain precision for all of the pins.
In order to obtain accurate values, it is necessary to avoid any data transition on the I/O pins
during AD conversion.
6.
When using operational amplifier:
(1)
The CMPIE (IOCE0.4), CMPWE (RE.2), and CMPIF (RE.4) bits are invalid.
(2)
The comparator interrupt is invalid.
(3)
The comparator wake-up is invalid.
7.
The noise rejection function is turned off in the LXT2 and sleep mode.
8.
The Low Voltage Reset (LVR) is designed for unstable power situation. If the EM78P372K is
targeted to operate at 8 MHz, the working voltage should be avoided to drop below 2.5 V. The
LVR does not work in this case when the working voltage is between 2.5 V and POR level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com