Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P372KSS20 Datasheet(PDF) 27 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 27 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 31Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 118 page
background image
EM78P372K
8-bit Microcontroller
Product Specification (V1.4) 05.11.2016
 19
(This specification is subject to change without prior notice)
7.1.17 Bank 1 R7 (PWMCON: PWM Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IPWM2E
IPWM1E
-
-
-
PWMCAS
PWM2E
PWM1E
Bit 7 (IPWM2E): Inverse PWM2 Enable bit
0: Inverse PWM2 is off (default value), and its related pin carries out the
P52 function.
1: Inverse PWM2 is on, and its related pin is automatically set to output.
Bit 6 (IPWM1E): Inverse PWM1 Enable bit
0: Inverse PWM1 is off (default value), and its related pin carries out the
P53 function.
1: Inverse PWM1 is on, and its related pin is automatically set to output.
Bits 5 ~ 3:
Not used
Bit 2 (PWMCAS): PWM Cascade Mode
0: Two Independent 8-bit PWM function (default value)
1: 16-bit PWM Mode (Cascaded from two 8-bit PWM function)
Bit 1 (PWM2E):
PWM2 Enable bit
0: PWM2 is off (default value), and its related pin carries out the P67
function.
1: PWM2 is on, and its related pin is automatically set to output.
Bit 0 (PWM1E): PWM1 Enable bit
0: PWM1 is off (default value), and its related pin carries out the P51
function.
1: PWM1 is on, and its related pin is automatically set to output.
7.1.18 Bank 1 R8 (TMRCON: Timer Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
T2EN
T1EN
T2P2
T2P1
T2P0
T1P2
T1P1
T1P0
Bit 7 (T2EN): TMR2 Enable bit
0: TMR2 is off (default value)
1: TMR2 is on
Bit 6 (T1EN): TMR1 Enable bit
0: TMR1 is off (default value)
1: TMR1 is on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com