Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P372KSS20 Datasheet(PDF) 44 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 44 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 48Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 118 page
background image
EM78P372K
8-bit Microcontroller
36
Product Specification (V1.4) 05.11.2016
(This specification is subject to change without prior notice)
7.4
I/O Ports
The I/O registers (Port 5, Port 6, and Port 7) are bidirectional tri-state I/O ports. Port 5 is
pulled-high and pulled-down internally by software. Likewise, P6 has its open-drain
output set through software. Port 5 features an input status changed interrupt (or
wake-up) function. Each I/O pin can be defined as "input" or "output" pin by the I/O
control register (IOC5 ~ IOC7). The I/O registers and I/O control registers are both
readable and writable. The I/O interface circuits for Port 5, Port 6, and Port 7 are
illustrated in Figures 7-7, 7-8, 7-9, and 7-10.
M
U
X
PORT
PCWR
PDWR
IOD
PDRD
0
1
PCRD
D
D
Q
Q
Q
Q
_
_
C
L
C
L
P
R
CLK
CLK
P
R
Note: Pull-high and Open-drain are not shown in the figure.
Figure 7-7 I/O Port and I/O Control Register Circuit for Port 6 and Port 7
PCRD
IOD
PCWR
PDWR
PDRD
Bit 6 of IOCE0
PORT
M
U
X
0
1
CLK
CLK
CLK
P
P
P
R
R
R
C
L
L
L
C
C
Q
Q
Q
Q
Q
Q
D
D
D
_
_
_
INT
Note: Pull-high and Open-drain are not shown in the figure.
Figure 7-8 I/O Port and I/O Control Register Circuit for P60 (/INT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com