Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P372KSS20 Datasheet(PDF) 84 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 84 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 80Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 81Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 82Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 83Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 84Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 85Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 86Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 87Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 88Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 118 page
background image
EM78P372K
8-bit Microcontroller
76
Product Specification (V1.4) 05.11.2016
(This specification is subject to change without prior notice)
Capacitor selection guide for crystal oscillator or ceramic resonators:
Oscillator Type
Frequency Mode
Frequency
C1 (pF)
C2 (pF)
Ceramic Resonators
LXT1
(100 K ~ 1 MHz)
100kHz
60 pF
60 pF
200kHz
60 pF
60 pF
455kHz
40 pF
40 pF
1 MHz
30 pF
30 pF
XT
(1 M ~ 6 MHz)
1.0 MHz
30 pF
30 pF
2.0 MHz
30 pF
30 pF
4.0 MHz
20 pF
20 pF
Crystal Oscillator
LXT2 (32.768kHz)
32.768kHz
40 pF
40 pF
LXT1
(100 K ~ 1 MHz)
100kHz
60 pF
60 pF
200kHz
60 pF
60 pF
455kHz
40 pF
40 pF
1 MHz
30 pF
30 pF
XT
(1~6 MHz)
1.0 MHz
30 pF
30 pF
2.0 MHz
30 pF
30 pF
4.0 MHz
20 pF
20 pF
6.0 MHz
30 pF
30 pF
HXT2
(6~12 MHz)
6.0 MHz
30 pF
30 pF
8.0 MHz
20 pF
20 pF
12.0 MHz
30 pF
30 pF
HXT1
(12~20 MHz)
12.0 MHz
30 pF
30 pF
16.0 MHz
20 pF
20 pF
Circuit diagrams for serial and parallel modes Crystal/Resonator:
OSCI
C
7404
330
330
Crysta
l
7404
7404
Figure 7-32 Serial Mode Crystal/Resonator Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com