Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P372KSS20 Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 118 page
background image
EM78P372K
8-bit Microcontroller
Product Specification (V1.4) 05.11.2016
 1
(This specification is subject to change without prior notice)
1
General Description
The EM78P372K is an 8-bit microprocessor designed and developed with low-power and high-speed
CMOS technology. The device has an on-chip 2K13-bit Electrical One Time Programmable Read Only
Memory (OTP-ROM). It provides a protection bit to prevent intrus
ion of user’s OTP memory code. Three
Code option bits are also available to meet user’s requirements.
With enhanced OTP-ROM features, the EM78P372K provides a convenient way of developing and verifying
user’s programs. Moreover, this OTP device offers the advantages of easy and effective program updates,
using development and programming tools. Users can avail of ELAN
’s Writer to easily program their
development code.
2
Features
CPU configuration
2K
13 bits on-chip ROM
80
8 bits on-chip registers (SRAM)
8-level stacks for subroutine nesting
4 programmable Level Voltage Detector
(LVD) : 4.5V, 4.0V, 3.3V, 2.2V
Three programmable Level Voltage Reset
(LVR) : 4.0V, 3.5V, 2.7V
Less than 1.5 mA at 5V/4 MHz
Typically 15
A, at 3V/32kHz
Typically 2
A, during sleep mode
I/O port configuration
Three bidirectional I/O ports: P5, P6, P7
18 I/O pins
Wake-up ports : P5, P70, P71
8 programmable pull-down I/O pins
16 programmable pull-high I/O pins
8 programmable open-drain I/O pins
14 high driver I/O pins
14 high sink I/O pins
External interrupt : P60
Operating voltage range:
2.1V~5.5V at 0
C~70C (commercial)
2.3V~5.5V at -40
C~85C (industrial)
Operating frequency range (based on 2 clocks):
Crystal mode: DC ~ 16 MHz, 3.0V;
DC ~ 8 MHz, 2.5V; DC ~ 4 MHz, 2.1V
ERC mode: DC ~ 2 MHz, 2.1V;
IRC mode
Oscillation mode: 4 MHz, 16 MHz, 8 MHz, 1 MHz
Internal RC
Frequency
Drift Rate
Temperature
(-40
°C~85°C)
Voltage
(2.1V~5.5V)
Process
Total
4 MHz
±2%
±1%
±1%
±4%
16 MHz
±2%
±1%
±1%
±4%
8 MHz
±2%
±1%
±1%
±4%
1 MHz
±2%
±1%
±1%
±4%
Fast set-up time requires only 0.8ms (VDD: 5V
Crystal: 4 MHz, C1/C2: 30pF) in HXT2 mode and 10
s in
IRC mode (VDD: 5V, IRC: 4 MHz)
Peripheral configuration
8-bit real time clock/counter (TCC) with selective
signal sources, trigger edges, and overflow interrupt
8-bit multi-channel Analog-to-Digital Converter with
12-bit resolution in Vref mode
Two Pulse Width Modulation (PWM) with
8-bitresolution.
One pair of comparator or OP
(offset voltage: smaller than 10mV)
Ten available interrupts
TCC overflow interrupt
Input-port status changed interrupt (wake up from
sleep mode)
External interrupt
ADC completion interrupt
Comparator status change interrupt
Low voltage detect (LVD) interrupt
PWM period match interrupt
PWM duty match interrupt
Special Features:
Programmable free running Watchdog Timer
(4.5ms, 18ms)
Power saving Sleep mode
Selectable Oscillation mode
Power-on voltage detector available (1.9V
 0.2V)
High EFT immunity (better performance at 4 MHz or
below)
Package Type:
10-pin MSOP 118mil
:
EM78P372KMS10
14-pin DIP 300mil
:
EM78P372KD14
14-pin SOP 150mil
:
EM78P372KSO14
16-pin SOP 150mil
:
EM78P372KSO16A
18-pin DIP 300mil
:
EM78P372KD18
18-pin SOP 300mil
:
EM78P372KSO18
20-pin DIP 300mil
:
EM78P372KD20
20 pin SOP 300mil
:
EM78P372KSO20
20 pin SSOP 209mil
:
EM78P372KSS20
16-pin QFN 3× 3×0.8mm
:
EM78P372KQN16
Note: These are Green products which do not contain
hazardous substances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com