Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P372KSS20 Datasheet(PDF) 90 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 90 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 86Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 87Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 88Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 89Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 90Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 91Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 92Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 93Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 94Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 118 page
background image
EM78P372K
8-bit Microcontroller
82
Product Specification (V1.4) 05.11.2016
(This specification is subject to change without prior notice)
Bit 9 (CLKS):
Instruction period option bit
0 = two oscillator periods
1 = four oscillator periods (default)
Bits 8~7 (LVR1 ~ LVR0): Low Voltage Reset Enable bits
LVR1, LVR0
VDD Reset Level
VDD Release Level
11
NA (Power-on Reset) (Default)
10
2.7V
2.9V
01
3.5V
3.7V
00
4.0V
4.2V
Bit 6 (RESETEN): RESET/P71 Pin Select Bit
0 : P71 set to /RESET pin
1 : P71 is general purpose input pin or open-drain for output Port
(default)
Bit 5 (ENWDT):
Watchdog timer enable bit
0 = Enable
1 = Disable (default)
Bit 4 (NRHL): Noise rejection high/low pulses define bit. INT pin is falling or rising
edge trigger
0 : Pulses equal to 8/fc is regarded as signal
1 : Pulses equal to 32/fc is regarded as signal (default)
NOTE
The noise rejection function is turned off in the LXT2 and sleep mode.
Bit 3 (NRE):
Noise Rejection Enable
0 : Disable noise rejection
1 : Enable noise rejection (default), but in Low Crystal oscillator
(LXT) mode, the noise rejection circuit is always disabled.
Bits 2 ~ 0 (Protect): Protect Bit
Protect Bits
Protect
0
Enable
1
Disable (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com