Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P372KSS20 Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
EM78P372K
8-bit Microcontroller
Product Specification (V1.4) 05.11.2016
 31
(This specification is subject to change without prior notice)
7.2.13 IOC61 (HSCR2: High Sink Control Register 2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
HS67
HS66
HS65
HS64
HS63
HS62
HS61
HS60
Bit 7 (HS67): Output High Sink Current Select for P67
Bit 6 (HS66): Output High Sink Current Select for P66
Bit 5 (HS65): Output High Sink Current Select for P65.
Bit 4 (HS64): Output High Sink Current Select for P64
Bit 3 (HS63): Output High Sink Current Select for P63
Bit 2 (HS62): Output High Sink Current Select for P62
Bit 1 (HS61): Output High Sink Current Select for P61
Bit 0 (HS60): Output High Sink Current Select for P60
HDxx
VDD = 5V, Sink Current
0
10 mA (in 0.1VDD)
1
25 mA (in 0.1VDD)
7.2.14 IOC71 (HDCR1: High Driver Control Register 1)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
HD57
HD56
-
HD54
HD53
HD52
HD51
-
Bit 7 (HD57): Output High Driver Current Select for P57
Bit 6 (HD56): Output High Driver Current Select for P56
Bit 5: Not used
Bit 4 (HD54): Output High Driver Current Select for P54
Bit 3 (HD53): Output High Driver Current Select for P53
Bit 2 (HD52): Output High Driver Current Select for P52
Bit 1 (HD51): Output High Driver Current Select for P51
Bit 0: Not used
HDxx
VDD = 5V, Drive Current
0
3.7 mA (in 0.9VDD)
1
10 mA (in 0.9VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com