Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P372KSS20 Datasheet(PDF) 76 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 76 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 72Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 73Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 74Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 76Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 77Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 78Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 79Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 80Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 118 page
background image
EM78P372K
8-bit Microcontroller
68
Product Specification (V1.4) 05.11.2016
(This specification is subject to change without prior notice)
7.8.4
PWM Duty Cycle (DTX: DT1 or DT2; DLX: DL1 or DL2)
The PWM duty cycle is defined by writing to the DTX register, and is latched from DTX
to DLX while TMRX is cleared. When DLX is equal to TMRX, the PWMX pin is cleared.
DTX can be loaded anytime. However, it cannot be latched into DLX until the current
value of DLX is equal to TMRX.
The following formula describes how to calculate the PWM duty cycle:
Example:
DTX=10; Fosc=4 MHz; TMRX (0, 0, 0) = 1:1,
then
5
.
2
1
4
1
10
M
Cycle
Duty
µ
S
7.8.5
Comparator X
Changing the output status while a match occurs will simultaneously set the PWMXIF
(TMRXIF) flag.
7.8.6
PWM Programming Process/Steps
Load PRDX with the PWM time period.
1. Load DTX with the PWM Duty Cycle.
2. Enable interrupt function by writing IOCF0, if required.
3. Set PWMX pin to be output by writing a desired value to Bank 1-R7.
4. Load a desired value to BANK1-R8 with TMRX prescaler value and enable both
PWMx and TMRX
value
prescale
TMRX
F
DTX
Cycle
Duty
OSC


1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com