Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P372KSS20 Datasheet(PDF) 46 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 46 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 50Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 118 page
background image
EM78P372K
8-bit Microcontroller
38
Product Specification (V1.4) 05.11.2016
(This specification is subject to change without prior notice)
7.4.1 Usage of Ports 5, 7 Input Change Wake-up/Interrupt Function
(1) Wake-up
(2) Wake-up and Interrupt
(a) Before Sleep
(a) Before Sleep
1. Disable WDT
1. Disable WDT
2-1. Read I/O Port 5 (MOV R5,R5)
2-1. Read I/O Port 5 (MOV R5,R5)
2-2. Read I/O Port 7 (MOV R7,R7)
2-2. Read I/O Port 7 (MOV R7,R7)
3. Execute "ENI" or "DISI"
3. Execute "ENI" or "DISI"
4. Enable wake-up bit (Set RE ICWE =1)
4. Enable wake-up bit (Set RE
ICWE =1)
5. Execute "SLEP" instruction
5. Enable interrupt (Set IOCF ICIE =1)
(b) After wake-up
6. Execute "SLEP" instruction
 Next instruction
(b) After wake-up
1. IF "ENI"
 Interrupt vector (008H)
2. IF "DISI"
 Next instruction
(3) Interrupt
(a) Before Port 5,7 pin change
1-1. Read I/O Port 5 (MOV R5,R5)
1-2. Read I/O Port 7 (MOV R7,R7)
2. Execute "ENI" or "DISI"
3. Enable interrupt (Set IOCF ICIE =1)
(b) After Port 5,7 pin changed (interrupt)
1. IF "ENI"
 Interrupt vector (006H)
2. IF "DISI"
 Next instruction
7.5
Reset and Wake-up
7.5.1 Reset and Wake-up Operation
A reset is initiated by one of the following events:
1. Power-on reset
2. /RESET pin input "low"
3. WDT time-out (if enabled)
The device is kept in reset condition for a period of approximately 18ms
3 (except in LXT
mode) after the reset is detected. When in LXT2 mode, the reset time is 500ms. Two
choices (18ms
3 or 4.5ms4) are available for WDT-time out period. Once a reset occurs,
the following functions are performed (the initial Address is 000h):
The oscillator continues running, or will be started (if in sleep mode).
The Program Counter (R2) is set to all "0".
3
VDD=5V, Setup time period = 16.5ms ± 30%
VDD=3V, Setup time period = 18ms ± 30%
4
VDD=5V, Setup time period = 4.2ms ± 30%
VDD=3V, Setup time period = 4.5ms ± 30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com