Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2004ACCZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADAR2004ACCZ-R7
Description  10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2004ACCZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADAR2004ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
ADAR2004
Data Sheet
Rev. 0 | Page 26 of 37
Address Name
Bits Bit Name
Description
Reset Access
0x019
MULT_SEQUENCER_SETUP 7
MULT_SEQ_EN
Enables Frequency Sequencer
0x0
R/W
6
MULT_SLP_CTRL
Sets Multiplier Sleep Mode Control
0x0
R/W
5
MULT_SLP_HOLD
Holds the Multiplier Sequencer State When
Receiver Is in Sleep Mode
0x0
R/W
4
MULT_CTL_LATCH_BYP
Bypasses the Control Latch for Multiplier Controls 0x1
R/W
[3:0] MULT_STATES
Sets Number of Multiplier/Filter Sequencer States 0x0
R/W
0x01A
RX_STATES_1_2
[7:4] RX_STATE_1
Mode Select for Receiver Sequencer State 1
0x0
R/W
[3:0] RX_STATE_2
Mode Select for Receiver Sequencer State 2
0x0
R/W
0x01B
RX_STATES_3_4
[7:4] RX_STATE_3
Mode Select for Receiver Sequencer State 3
0x0
R/W
[3:0] RX_STATE_4
Mode Select for Receiver Sequencer State 4
0x0
R/W
0x01C
RX_STATES_5_6
[7:4] RX_STATE_5
Mode Select for Receiver Sequencer State 5
0x0
R/W
[3:0] RX_STATE_6
Mode Select for Receiver Sequencer State 6
0x0
R/W
0x01D
RX_STATES_7_8
[7:4] RX_STATE_7
Mode Select for Receiver Sequencer State 7
0x0
R/W
[3:0] RX_STATE_8
Mode Select for Receiver Sequencer State 8
0x0
R/W
0x01E
RX_STATES_9_10
[7:4] RX_STATE_9
Mode Select for Receiver Sequencer State 9
0x0
R/W
[3:0] RX_STATE_10
Mode Select for Receiver Sequencer State 10
0x0
R/W
0x01F
RX_STATES_11_12
[7:4] RX_STATE_11
Mode Select for Receiver Sequencer State 11
0x0
R/W
[3:0] RX_STATE_12
Mode Select for Receiver Sequencer State 12
0x0
R/W
0x020
RX_STATES_13_14
[7:4] RX_STATE_13
Mode Select for Receiver Sequencer State 13
0x0
R/W
[3:0] RX_STATE_14
Mode Select for Receiver Sequencer State 14
0x0
R/W
0x021
RX_STATES_15_16
[7:4] RX_STATE_15
Mode Select for Receiver Sequencer State 15
0x0
R/W
[3:0] RX_STATE_16
Mode Select for Receiver Sequencer State 16
0x0
R/W
0x022
MULT_STATES_1_2
[7:4] MULT_STATE_1
Mode Select for Multiplier Sequencer State 1
0x0
R/W
[3:0] MULT_STATE_2
Mode Select for Multiplier Sequencer State 2
0x0
R/W
0x023
MULT_STATES_3_4
[7:4] MULT_STATE_3
Mode Select for Multiplier Sequencer State 3
0x0
R/W
[3:0] MULT_STATE_4
Mode Select for Multiplier Sequencer State 4
0x0
R/W
0x024
MULT_STATES_5_6
[7:4] MULT_STATE_5
Mode Select for Multiplier Sequencer State 5
0x0
R/W
[3:0] MULT_STATE_6
Mode Select for Multiplier Sequencer State 6
0x0
R/W
0x025
MULT_STATES_7_8
[7:4] MULT_STATE_7
Mode Select for Multiplier Sequencer State 7
0x0
R/W
[3:0] MULT_STATE_8
Mode Select for Multiplier Sequencer State 8
0x0
R/W
0x026
MULT_STATES_9_10
[7:4] MULT_STATE_9
Mode Select for Multiplier Sequencer State 9
0x0
R/W
[3:0] MULT_STATE_10
Mode Select for Multiplier Sequencer State 10
0x0
R/W
0x027
MULT_STATES_11_12
[7:4] MULT_STATE_11
Mode Select for Multiplier Sequencer State 11
0x0
R/W
[3:0] MULT_STATE_12
Mode Select for Multiplier Sequencer State 12
0x0
R/W
0x028
MULT_STATES_13_14
[7:4] MULT_STATE_13
Mode Select for Multiplier Sequencer State 13
0x0
R/W
[3:0] MULT_STATE_14
Mode Select for Multiplier Sequencer State 14
0x0
R/W
0x029
MULT_STATES_15_16
[7:4] MULT_STATE_15
Mode Select for Multiplier Sequencer State 15
0x0
R/W
[3:0] MULT_STATE_16
Mode Select for Multiplier Sequencer State 16
0x0
R/W
0x02A
SEQUENCER_CTRL_SPI
[7:4] RESERVED
Reserved
0x0
R
3
MULT_RST_SPI
Resets Frequency Sequencer
0x0
R/W
2
MULT_ADV_SPI
Advances Multiplier Sequencer State
0x0
R/W
1
RX_RST_SPI
Resets Receiver Sequencer
0x0
R/W
0
RX_ADV_SPI
Advances Receiver Sequencer State
0x0
R/W
0x02B
RX_EN_SPI
7
LNA_EN_SPI
SPI Mode LNA Enable
0x0
R/W
6
MIX_EN_SPI
SPI Mode Mixer Enable
0x0
R/W
5
IFAMP_EN_SPI
SPI Mode IF Amp Enable
0x0
R/W
4
RESERVED
Reserved
0x0
R/W
3
CH1_EN_SPI
SPI Mode Channel 1 Enable
0x0
R/W
2
CH2_EN_SPI
SPI Mode Channel 2 Enable
0x0
R/W
1
CH3_EN_SPI
SPI Mode Channel 3 Enable
0x0
R/W
0
CH4_EN_SPI
SPI Mode Channel 4 Enable
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com