Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2004ACCZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADAR2004ACCZ-R7
Description  10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2004ACCZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADAR2004ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
ADAR2004
Data Sheet
Rev. 0 | Page 30 of 37
Address Name
Bits Bit Name
Description
Reset Access
0x053
RX_GAIN12_MODE_6
7
RESERVED
Reserved
0x0
R
[6:4] CH1_GAIN_MD6
Receiver Mode 6 Channel 1 Gain
0x4
R/W
3
RESERVED
Reserved
0x0
R
[2:0] CH2_GAIN_MD6
Receiver Mode 6 Channel 2 Gain
0x4
R/W
0x054
RX_GAIN34_MODE_6
7
RESERVED
Reserved
0x0
R
[6:4] CH3_GAIN_MD6
Receiver Mode 6 Channel 3 Gain
0x4
R/W
3
RESERVED
Reserved
0x0
R
[2:0] CH4_GAIN_MD6
Receiver Mode 6 Channel 4 Gain
0x4
R/W
0x055
RX_EN_MODE_7
7
RESERVED
Reserved
0x0
R
6
SPLT1_EN_MD7
Receiver Mode 7 Active Splitter 1 Enable
0x1
R/W
5
SPLT12_EN_MD7
Receiver Mode 7 Channel 1 to Channel 2 Active
Splitter Enable
0x1
R/W
4
SPLT34_EN_MD7
Receiver Mode 7 Channel 3 to Channel 4 Active
Splitter Enable
0x0
R/W
3
CH1_EN_MD7
Receiver Mode 7 Channel 1 Enable
0x0
R/W
2
CH2_EN_MD7
Receiver Mode 7 Channel 2 Enable
0x1
R/W
1
CH3_EN_MD7
Receiver Mode 7 Channel 3 Enable
0x0
R/W
0
CH4_EN_MD7
Receiver Mode 7 Channel 4 Enable
0x0
R/W
0x056
RX_GAIN12_MODE_7
7
RESERVED
Reserved
0x0
R
[6:4] CH1_GAIN_MD7
Receiver Mode 7 Channel 1 Gain
0x4
R/W
3
RESERVED
Reserved
0x0
R
[2:0] CH2_GAIN_MD7
Receiver Mode 7 Channel 2 Gain
0x4
R/W
0x057
RX_GAIN34_MODE_7
7
RESERVED
Reserved
0x0
R
[6:4] CH3_GAIN_MD7
Receiver Mode 7 Channel 3 Gain
0x4
R/W
3
RESERVED
Reserved
0x0
R
[2:0] CH4_GAIN_MD7
Receiver Mode 7 Channel 4 Gain
0x4
R/W
0x058
RX_EN_MODE_8
7
RESERVED
Reserved
0x0
R
6
SPLT1_EN_MD8
Receiver Mode 8 Active Splitter 1 Enable
0x1
R/W
5
SPLT12_EN_MD8
Receiver Mode 8 Channel 1 to Channel 2 Active
Splitter Enable
0x0
R/W
4
SPLT34_EN_MD8
Receiver Mode 8 Channel 3 to Channel 4 Active
Splitter Enable
0x1
R/W
3
CH1_EN_MD8
Receiver Mode 8 Channel 1 Enable
0x0
R/W
2
CH2_EN_MD8
Receiver Mode 8 Channel 2 Enable
0x0
R/W
1
CH3_EN_MD8
Receiver Mode 8 Channel 3 Enable
0x1
R/W
0
CH4_EN_MD8
Receiver Mode 8 Channel 4 Enable
0x0
R/W
0x059
RX_GAIN12_MODE_8
7
RESERVED
Reserved
0x0
R
[6:4] CH1_GAIN_MD8
Receiver Mode 8 Channel 1 Gain
0x4
R/W
3
RESERVED
Reserved
0x0
R
[2:0] CH2_GAIN_MD8
Receiver Mode 8 Channel 2 Gain
0x4
R/W
0x05A
RX_GAIN34_MODE_8
7
RESERVED
Reserved
0x0
R
[6:4] CH3_GAIN_MD8
Receiver Mode 8 Channel 3 Gain
0x4
R/W
3
RESERVED
Reserved
0x0
R
[2:0] CH4_GAIN_MD8
Receiver Mode 8 Channel 4 Gain
0x4
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com