Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2004ACCZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADAR2004ACCZ-R7
Description  10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2004ACCZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADAR2004ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Data Sheet
ADAR2004
Rev. 0 | Page 5 of 37
TIMING SPECIFICATIONS
VPOS1, VPOS2, VPOS4 = 2.5 V, VPOS3 = VREG, and TA = −40°C to +85°C, unless otherwise noted. See Figure 2 to Figure 4 for the timing diagrams.
Table 2. SPI Timing
Parameter
Description
Test Conditions/Comments
Min
Typ
Max
Unit
fSCLK
Maximum clock rate
Write only
40
MHz
Write and read
15
MHz
tPWH
Minimum pulse width high
10
ns
tPWL
Minimum pulse width low
10
ns
tDS
Setup time, SDIO to SCLK
5
ns
tDH
Hold time, SDIO to SCLK
5
ns
tDV
Data valid, SDO to SCLK
5
ns
tDCS
Setup time, CS to SCLK
10
ns
tR
SDIO, SDO rise time
Outputs loaded with 10 pF, 10% to 90%
40
ns
tF
SDIO, SDO fall time
Outputs loaded with 10 pF, 10% to 90%
40
ns
Timing Diagrams
DON’T CARE
DON’T CARE
SDIO
SCLK
DON’T CARE
DON’T CARE
R/W
CS
A14
A13
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
A2
A1
A0
D7
D6
D5
D2
D1
D0
Figure 2. SPI Transaction Structure (MSB First)
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
CS
WRITE
A14
A13
A2
tDS
tPWL
tPWH
tDCS
tDH
A1
A0
D7
D6
D5
D2
D1
D0
Figure 3. SPI Write Timing Diagram
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SDO
SCLK
CS
READ
A14
A13
A2
tR
tDV
tF
A1
A0
DON’T
CARE
DON’T
CARE
DON’T
CARE
DON’T
CARE
DON’T
CARE
D7
D6
D5
D1
D0
Figure 4. SPI 4-Wire Read Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com