Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2004ACCZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADAR2004ACCZ-R7
Description  10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2004ACCZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADAR2004ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ADAR2004
Data Sheet
Rev. 0 | Page 4 of 37
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL OUTPUT LOGIC LEVELS
Logic Low
0
0.4
V
Logic High
1.4
1.8
V
VREG OUTPUT
1.8
V
POWER SUPPLY
Analog
Supply Voltage Range (VPOS1, VPOS2, VPOS4)
2.25
2.5
2.75
V
Current Consumption
All channels active
364
mA
Chip disabled
3
mA
Power Consumption
All channels active
910
mW
Chip disabled
7.5
mW
Digital
Supply Voltage Range (VPOS3)
1.6
1.8
2
V
Current Consumption
25
µA
Power Consumption
45
µW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com