Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2004ACCZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADAR2004ACCZ-R7
Description  10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2004ACCZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADAR2004ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
ADAR2004
Data Sheet
Rev. 0 | Page 18 of 37
APPLICATIONS INFORMATION
SPI CONTROL
The ADAR2004 is designed to operate as part of a larger array.
The built in state machines help to ease the control of many
chips in parallel and to ensure that the fastest switching speeds
are achieved. However, it is possible to operate every aspect of
the ADAR2004 using the SPI port alone. When the state machines
are disabled by setting MULT_SEQ_EN (Register 0x019, Bit 7)
and RX_SEQ_EN (Register 0x018, Bit 7) low, the multiplier/filter
and receiver blocks respond to the SPI controlled registers
(Register 0x02B to Register 0x02F), rather than stepping
through the programmed states.
MULT_SPI (Register 0x02F) controls the multiplier/filter block
when in SPI mode and has all the same controls as a typical
multiplier/filter mode.
Register 0x02B to Register 0x02E control the receiver block
when in SPI mode and have all the same controls as a typical
receiver mode, as well as individual enables for the LNAs, mixers,
and IF VGAs. Note that when the ADAR2004 receiver block is
in SPI mode, the channel enables do not turn on the desired
channel unless each piece of the receiver signal chain (LNA,
mixer, IF VGA) is enabled as well, which contrasts with the
sequencer modes, where a channel enable turns on the entire
channel. The sequencer does not have access to the individual
enables.
Operating the ADAR2004 in this manner can be thought of as a
manual, rather than an automatic, approach. With the sequencers
disabled, any changes to the configuration of the chip must be
made through an SPI write, because pulsing any of the sequencer
control pins has no effect.
STATE MACHINE MODES vs. STATES
Both the multiplier/filter state machine and the receiver state
machine have 16 modes available to set the configuration of
their respective subcircuitry. The sequencers also have 16 states
available to cycle through.
Within each mode of the multiplier/filter state machine, the
user can define the following:
•
The enabled status of the RF input buffer (on or off, one bit).
•
The sleep, ready, or active state of each 4× multiplier band
(two bits for each band, six bits in total). The two bits
control the ready and active status, and if neither bit is
high, the multiplier band is set to sleep. Both bits must be
high to be fully active.
•
The BPF status (on or off, 1 bit for all bands).
Within each mode of the receiver state machine, the user can
define the following:
•
The enabled status of each receive channel (one bit for
each band, four bits in total). Each bit enables the entire
channel, including the respective LNA, mixer, and IF VGA.
•
The enabled status of the first 1:2 signal splitter (on or off,
one bit).
•
The enabled status of the 1:2 signal splitter feeding the
mixers on Channel 1 and Channel 2 (on or off, one bit).
•
The enabled status of the 1:2 signal splitter feeding the
mixers on Channel 3 and Channel 4 (on or off, one bit).
•
The gain of each channel (four bits for each, 16 total).
Each multiplier/filter state is used to select an operating mode.
Each state bit field contains four bits, allowing selection of any
mode between 0 and 15 (Register 0x070 to Register 0x07F).
There are 16 multiplier/filter states available (Register 0x022 to
Register 0x029). When the multiplier/filter state machine is
enabled and the sequencer depth is set, the multiplier/filter
state machine cycles through the states in order, up to the
defined state machine depth.
Similarly, each receiver state is used to select an operating mode.
Each state bit field has four bits, allowing the selection of any
mode between 0 and 15 (Register 0x040 to Register 0x06F). There
are 16 receiver states available (Register 0x01A to Register 0x021).
When the receiver state machine is enabled and the sequencer
depth is set, the receiver state machine cycles through the states
in order, up to the defined state machine depth.
Figure 42 shows how the state machine pointer moves through
a loop. In this diagram, n is the total number of states inside the
loop. Because the sequencer depth bit field is 0 indexed, n is equal
to one more than the value in the sequencer depth bit field.
n = MULT_STATES + 1
where:
n = 1 to 16.
MULT_STATES is the multiplier sequencer depth.
n = RX_STATES + 1
where:
n = 1 to 16.
RX_STATES is the receiver sequence depth.
RESET
0
ADVANCE
ADVANCE
ADVANCE
ADVANCE
1
2
n
3
Figure 42. State Machine Position Loop
STATE MACHINE SETUP
Both state machines in the ADAR2004 have configuration
registers that control various aspects of the state machine.
For the multiplier/filter sequencer, this register is Register 0x019
and contains the following bits:
•
Bits 0 to Bit 3: MULT_STATES. These bits set the number
of states in the loop (see Figure 42).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com