Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2004ACCZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADAR2004ACCZ-R7
Description  10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2004ACCZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADAR2004ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Data Sheet
ADAR2004
Rev. 0 | Page 17 of 37
RECEIVERS
There are four independent receive channels, each with fully
differential inputs and outputs. Each channel includes an RF
LNA front end, a downconverting mixer, and a dedicated IF
VGA. The inputs operate from 10 GHz to 40 GHz and are
intended to be connected to dipole antennas, whereas the outputs
operate from low frequency to 800 MHz and are meant to be
directly connected to an ADC. The bias levels of the LNAs, mixers,
and IF VGAs are adjustable through the SPI. There is one setting
for all the LNAs (LNA_BIAS in Register 0x015), one setting for
the mixers (MIX_BIAS in Register 0x015), and one setting for
the IF VGAs (IFAMP_BIAS in Register 0x016). The IF VGAs
also have a setting for VOCM (IFAMP_CM in Register 0x017).
See the Bias Points and Voltages section for more information.
Although normal operation envisages all four receive channels
operating at one time, the programmability allows any
combination of receive channels to be turned on or off
simultaneously.
TEMPERATURE SENSOR
The ADAR2004 has an on-chip temperature sensor that feeds
into a dedicated 8-bit ADC for monitoring the temperature of
the chip. Use the following equation to calculate the approximate
temperature in Celsius from the ADC output:
TA = (1.05 × ADC_OUTPUT) – 80
where ADC_OUTPUT is the ADC output word in Register 0x031.
ADC AND ADC CLOCK
The ADAR2004 has an on-chip, 8-bit ADC and a variable clock
input, each with their own enable control bits.
To take a measurement from the ADC, first write to the
ADC_CTRL register, Register 0x030. This register contains the
following bits:
•
Bit 0: ADC_EOC (read only). This bit is a flag for when the
ADC conversion is complete.
•
Bit 4: ST_CONV (read/write). This bit is set to start an
ADC conversion cycle.
•
Bit 5: CLK_EN (read/write). This bit enables the ADC clock.
•
Bit 6: ADC_EN (read/write). This bit enables the ADC.
•
Bit 7: ADC_CLKFREQ_SEL (read/write). This bit is used
to set the clock frequency. A low sets the clock to 2 MHz,
whereas a high sets the clock to 250 kHz.
After the ADC_CTRL register is written, it must be polled to wait
for the ADC_EOC bit to go high. When the ADC_EOC bit goes
high, the measured value can be read out from the
ADC_OUTPUT register, Register 0x031.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com