Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2004ACCZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADAR2004ACCZ-R7
Description  10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2004ACCZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADAR2004ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Data Sheet
ADAR2004
Rev. 0 | Page 19 of 37
•
Bit 4: MULT_CTL_LATCH_BYP. This bit bypasses the
latch on MADV and MRST. If the latch is enabled, the
next state is loaded up on the rising edge of a MRST or
MADV pulse. The state is then latched to the device on the
falling edge of the same pulse. If the latch is bypassed,
everything is applied as soon as possible after the rising
edge of the pulse, with no latching.
•
Bit 5: MULT_SLP_HOLD. This bit prevents the
multiplier/filter block from advancing when forced into a
sleep state by the receiver block. This bit is used in
conjunction with RX_SLP_CTRL (Register 0x018, Bit 6).
See the Sequencer Sleep Hold section for more
information.
•
Bit 6: MULT_SLP_CTRL. This bit forces the multiplier/filter
block to sleep whenever the receiver block is sleeping. See
the Sequencer Sleep Control section for more information.
•
Bit 7: MULT_SEQ_EN. This bit enables the multiplier/filter
block. This bit must be set high for the block to operate
with the external pins.
For the receiver sequencer, the control register is Register 0x018
and contains the following bits:
•
Bit 0 to Bit 3: RX_STATES. These bits set the number of
states in the loop (see Figure 42).
•
Bit 4: RX_CTL_LATCH_BYP. This bit bypasses the latch
on RxADV and RxRST. If the latch is enabled, the next state is
loaded up on the rising edge of an RxRST or RxADV pulse.
The state is then latched to the device on the falling edge of
the same pulse. If the latch is bypassed, everything is applied
as soon as possible after the rising edge of the pulse, with
no latching.
•
Bit 5: RX_SLP_HOLD. This bit prevents the receiver block
from advancing when forced into a sleep state by the
multiplier/filter block. This bit is used in conjunction with
MULT_SLP_CTRL (Register 0x019, Bit 6). See the
Sequencer Sleep Hold section for more information.
•
Bit 6: RX_SLP_CTRL. This bit forces the receiver block to
sleep whenever the multiplier/filter block is sleeping. See the
Sequencer Sleep Control section for more information.
•
Bit 7: RX_SEQ_EN. This bit enables the receiver block.
This bit must be set high for the block to operate with the
external pins.
MULTIPLIER/FILTER STATE MACHINE
A programmable state machine provides a convenient and fast
control mechanism for the multiplier/filter block and avoids the
need for SPI writes each time the block must be reconfigured.
To enable the state machine, set the MULT_SEQ_EN bit
(Register 0x019, Bit 7) high.
Although only six multiplier/filter modes are required for a
complete 9.6 GHz to 40.4 GHz sweep, as described in Table 7, a
maximum state machine depth of 16 is provided for optimum
flexibility.
Eight default modes can be assigned to any of the 16 states.
These eight modes consist of a sleep mode, a ready mode, and
the six modes required to complete a 9.6 GHz to 40.4 GHz sweep,
as described in Table 7. It is possible to overwrite any of the
multiplier/filter modes with a custom set of operating conditions
by changing the bits in Register 0x070 to Register 0x07F.
After the modes are defined, set the order in which the sequencer
moves through the desired modes by filling the state bits in
Register 0x022 to Register 0x029 in order with the modes of
interest. Any state can point to any mode, except State 0, which
always points to Mode 0. Note that the sequencer moves
through the states in order, up to the state machine depth.
Finally, the user must define how many states are used by setting
the state machine depth (MULT_STATES, Register 0x019,
Bits[3:0]). MULT_STATES is 0 indexed. Therefore, setting the
depth to 0 leaves MULT_STATE_1 (Register 0x022, Bits[7:4])
as the only state in the loop.
After the multiplier/filter state machine is programmed and
enabled, operation is controlled by the MRST and MADV pins.
Alternatively, operation can be controlled through the SPI using
the MULT_RST_SPI and MULT_ADV_SPI bits (Register 0x02A,
Bit 3 and Bit 2, respectively). Note that using the SPI is slower
than pulsing the sequencer pins directly.
MRST moves the pointer on the multiplier/filter state machine
to State 0 regardless of the current position of the pointer and
can be asserted at any time. State 0 always refers to Mode 0 and
cannot be set to another mode. However, Mode 0 can be
overwritten with any multiplier/filter configuration. Mode 0 is
defined in Register 0x070.
MADV pulses advance the multiplier/filter state machine pointer
one state at a time until the defined sequencer depth is cycled
through. At that point, an additional MADV pulse moves the
pointer back to State 1, which is normally set to a ready mode
(however, State 1 can be set to any mode). State 1 applies the mode
defined in the MULT_STATE_1 bits (Register 0x022, Bits[7:4]).
RECEIVER STATE MACHINE
Like the multiplier/filter state machine, the receiver state
machine can be used to quickly cycle through receiver states
without using the comparatively slower SPI.
To enable the state machine, set the RX_SEQ_EN bit
(Register 0x018, Bit 7) high.
The receiver state machine controls the status of the four receive
channels (each with an LNA, mixer, and IF VGA) and the status of
the 1:4 splitter network by defining the desired modes of operation
in Register 0x040 to Register 0x06F. Each mode outlines a custom
set of operating conditions.
Although only one active state is required to enable all receive
channels, a state machine depth of 16 is provided for optimum
flexibility of the receiver sequencer and to lower the total number
of control lines required to operate multiple ADAR2004 chips in
parallel. It is possible to control up to 16 ADAR2004 ICs using the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com