Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2004ACCZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADAR2004ACCZ-R7
Description  10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2004ACCZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADAR2004ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
ADAR2004
Data Sheet
Rev. 0 | Page 20 of 37
same four sequencer lines (MADV, MRST, RxADV, RxRST). See
the Parallel Chip Control section for more information.
Following the mode definitions, the user must fill the state bits
in Register 0x01A to Register 0x021 with the modes of interest.
Any state can point to any mode, except State 0, which always
points to Mode 0. Note that the sequencer moves through the
states in order, up to the state machine depth.
After defining the states, the user must set the number of states
to be used by the sequencer by changing the RX_STATES bits
(Register 0x018, Bits[3:0]). RX_STATES is 0 indexed. Therefore,
setting the depth to 0 leaves RX_STATE_1 as the only state in
the loop.
After the multiplier/filter state machine is programmed and
enabled, operation is controlled by the RxRST and RxADV pins.
Alternatively, operation can be controlled through the SPI using
the RX_RST_SPI and RX_ADV_SPI bits (Register 0x02A,
Bits[1:0]). Note that using the SPI is slower than pulsing the
sequencer pins directly.
RxRST moves the pointer on the receiver state machine to State 0
regardless of the current position of the pointer and can be asserted
at any time. State 0 always refers to Mode 0 and cannot be set to
another mode. However, Mode 0 can be overwritten with any
receiver configuration. Mode 0 is defined in Register 0x040,
Register 0x041, and Register 0x042.
RxADV pulses advance the receiver state machine pointer one
state at a time until the defined sequencer depth is cycled through.
At that point, an additional RxADV pulse moves the pointer
back to State 1. State 1 applies the mode defined in the
RX_STATE_1 bits (Register 0x01A, Bits[7:4]).
FREQUENCY SWEEP ALL CHANNELS
Figure 43 shows a method of operation that can be used during
a 20 GHz to 40 GHz frequency sweep of all receive channels. As
described in Table 7, three multiplier/filter states are required
during a 20 GHz to 40 GHz sweep. In this example, the defined
state machine depth, MULT_STATES (Register 0x019, Bits[3:0]),
is 3 because there are four states inside the loop, and
MULT_STATES is 0 indexed.
As shown in Figure 43,
•
Multiplier/Filter State 0 = sleep (outside the loop)
•
Multiplier/Filter State 1 = mid band multiplier ready
•
Multiplier/Filter State 2 = output 20 GHz to 25 GHz to mixers
•
Multiplier/Filter State 3 = output 25 GHz to 30 GHz to mixers
•
Multiplier/Filter State 4 = output 30 GHz to 40 GHz to mixers
The initial state is the sleep state where power consumption is
at a minimum. A pulse on MADV advances the state machine
to the second state, which is defined as a ready state. By partially
powering up the mid band multiplier with its BPF set high, an
additional pulse on MADV makes this subcircuit path active in
under 10 ns. By making use of the ready mode throughout the
sweep, the settling time can be kept under 10 ns.
After the appropriate number of pulses is applied to MADV (4,
in this case), the state machine automatically returns to the
second state (ready mode).
SEQUENCER SLEEP CONTROL
To further simplify the control of the ADAR2004, it is possible
to link the sleep states of the two state machines so that one
sequencer going to sleep forces the other sequencer to sleep as
well. This link helps to limit the total number of required states
to achieve the desired type of operation. To use this feature, one
of the two sleep control bits must be set, but not both.
For example, when the ADAR2004 is configured for a frequency
sweep (as shown in Figure 43), if the RX_SLP_CTRL bit
(Register 0x018, Bit 6) is set, when the multiplier/filter
sequencer is reset, the receiver state machine is forced to sleep as
well. This means that the receiver state machine does not
require a state dedicated to sleep if it only needs to sleep when the
multiplier/filter sleeps. Furthermore, because the
multiplier/filter sleep state is controlling the sleep state of the
receiver, bringing the multiplier/filter out of sleep also brings the
receiver out of sleep. This routine is controlled with either the
SPI or one external line (MADV).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com