Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2004ACCZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADAR2004ACCZ-R7
Description  10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2004ACCZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADAR2004ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
ADAR2004
Data Sheet
Rev. 0 | Page 16 of 37
THEORY OF OPERATION
OVERVIEW
The main elements of the ADAR2004 are a quad LNA, a mixer,
an IF variable gain amplifier (VGA), a 4× LO frequency multiplier
with integrated switchable harmonic filter, and a 1:4 signal splitter.
The four differential RF inputs are intended to be connected
directly to a differential antenna structure, such as a dipole. Apply
a single-tone LO input signal in the 2.4 GHz to 10.1 GHz
frequency range with a power level of approximately −20 dBm
to the LOIN port. This signal is frequency multiplied by 4 and
filtered before driving the LO inputs of the four mixers.
The operation of these subcircuits can be controlled from the
SPI port as well as two programmable state machines, one
focused on LO multiplier/filter control and the other focused
on quad receiver control.
The ADAR2004 also includes an Analog Devices, Inc., SPI port
that is used for device configuration and readback. Although
the state machines provide fast switching between states, all
functions can also be controlled directly through the SPI port.
LO INPUT BUFFER, 4× MULTIPLIER, AND BAND-
PASS FILTER
The LO input buffer provides approximately 17 dB of gain and
provides an optimal drive signal to the 4× multiplier circuits for
LO input power levels down to −25 dBm. The bias levels of the
input and output stages of the input buffer are independently
adjustable through the SPI via Register 0x013. See the Bias Points
and Voltages section for more information.
The broadband frequency multiplier consists of three parallel
subcircuits. Each subcircuit (low band, mid band, high band) is
optimized to multiply and filter a segment of the total frequency
range (2.4 GHz to 10.1 GHz input, 9.6 GHz to 40.4 GHz output).
Recommended ranges and register settings for each band are
shown in Table 7. SP3T switches at the input and output of the
multiplier block are used to select the desired subcircuit.
Each subcircuit consists of a 4× multiplier and an adjustable
band-pass filter (BPF). The bias levels of the 4× multipliers are
adjustable through the SPI via Register 0x011 and Register 0x012.
See the Bias Points and Voltages section for more information.
When the LO input frequency is in the low end of the subcircuit
band, the BPF corner frequency must be set to its low state. Set
the associated bit high to set the BPF corner frequency to its
low state. See Table 7.
To complete a full 9.6 GHz to 40.4 GHz frequency sweep,
adjust the multiplier/filter block settings six times to ensure
optimum harmonic rejection and output power. These six
settings are shown in Table 7.
In addition to having sleep and active modes, the 4× multipliers
can be set to ready mode. Ready mode is a hybrid state between
sleep and active mode. Current consumption in ready mode is
higher than sleep mode but lower than active mode. The switching
time between ready mode and active mode is significantly faster
than from sleep mode to active mode.
1:4 SIGNAL SPLITTER NETWORK
The output of the multiplier/filter block is then applied to a 1:4
active power splitting network that is composed of two stages.
The first stage is a 1:2 active splitter, which then feeds the second
stage, two 1:2 active splitters. Each output path from the second
stage drives a single downconverting mixer, which results in a
single input signal being split into four independently controlled
channels. The bias levels of each splitter stage are adjustable
through the SPI via Register 0x014. See the Bias Points and
Voltages section for more information.
Table 7. Multiplier/Filter Settings for Optimal LO Harmonic Rejection
LO Input Frequency
(GHz)
Internal LO Frequency
(GHz)
Multiplier Band
BPF
MULT_x1 Register Value
2.40 to 3.00
9.6 to 12
Low band active (mid and high bands ready)
Low
0xFA
3.00 to 4.00
12 to 16
Low band active (mid and high bands ready)
High
0x7A
4.00 to 5.00
16 to 20
Mid band active (mid and high bands ready)
Low
0xEE
5.00 to 6.25
20 to 25
Mid band active (low and high bands ready)
High
0x6E
6.25 to 8.00
25 to 32
High band active (low and mid bands ready)
Low
0xEB
8.00 to 10.10
32 to 40.4
High band active (low and mid bands ready)
High
0x6B
1
MULT_x refers to the MULT_EN_MODE_x and MULT_SPI registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com