Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2004ACCZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADAR2004ACCZ-R7
Description  10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2004ACCZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADAR2004ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADAR2004ACCZ-R7 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
Data Sheet
ADAR2004
Rev. 0 | Page 37 of 37
OUTLINE DIMENSIONS
7.10
7.00 SQ
6.90
TOP VIEW
SIDE VIEW
BOTTOM VIEW
13
25
37
1
48
0.50
BSC
0.25
BSC
0.38
BSC
6.00 REF
SQ
0.30
0.25
0.20
0.45 REF
FOR PROPER CONNECTION OF
THE EXPOSED PADS, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET
5.05 BSC
SQ
2.40 BSC
SQ
0.26
0.23
0.20
0.78
0.68
0.58
SEATING
PLANE
PIN 1
INDICATOR
AREA
PIN 1
INDICATOR
C 0.20 × 0.45°
Figure 47. 48-Terminal Land Grid Array [LGA] Package
7 mm × 7 mm Body and 0.68 mm Package Height
(CC-48-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADAR2004ACCZ
−40°C to +85°C
48-Terminal Land Grid Array [LGA], Tray
CC-48-2
ADAR2004ACCZ-R7
−40°C to +85°C
48-Terminal Land Grid Array [LGA], 7” Tape and Reel
CC-48-2
ADAR2004-EVALZ
Evaluation Board
1
Z = RoHS compliant part.
©2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D20539-8/20(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com