Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9006ACGZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL9006ACGZN-R7
Description  2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL9006ACGZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL9006ACGZN-R7 Datasheet HTML 1Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 2Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 3Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 4Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 5Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 6Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 7Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 8Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
ADL9006
Rev. 0 | Page 3 of 14
SPECIFICATIONS
2 GHz TO 6 GHz
TA = 25°C, VDD = 5 V, IDD = 53 mA, VGG2 = open, and a 50 Ω matched input and output, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
2
6
GHz
GAIN
13
15
dB
Gain Variation Over Temperature
0.007
dB/°C
RETURN LOSS
Input
11
dB
Output
12
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
20
dBm
Saturated Output Power
PSAT
18
20.5
dBm
Output Third-Order Intercept
OIP3
Measurement taken at output power (POUT) per
tone = 0 dBm
26
dBm
NOISE FIGURE
NF
2.5
4
dB
6 GHz TO 20 GHz
TA = 25°C, VDD = 5 V, IDD = 53 mA, VGG2 = open, and a 50 Ω matched input and output, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
6
20
GHz
GAIN
13
15.5
dB
Gain Variation Over Temperature
0.012
dB/°C
RETURN LOSS
Input
12
dB
Output
17
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
18
dBm
Saturated Output Power
PSAT
16
18.5
dBm
Output Third-Order Intercept
OIP3
Measurement taken at POUT per tone = 0 dBm
23
dBm
NOISE FIGURE
NF
2.5
4.0
dB
20 GHz TO 28 GHz
TA = 25°C, VDD = 5 V, IDD = 53 mA, VGG2 = open, and a 50 Ω matched input and output, unless otherwise noted.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
20
28
GHz
GAIN
13
15.5
dB
Gain Variation Over Temperature
0.018
dB/°C
RETURN LOSS
Input
15
dB
Output
15
dB
OUTPUT
Saturated Output Power
PSAT
15
17.5
dBm
Output Third-Order Intercept
OIP3
Measurement taken at POUT per tone = 0 dBm
19.5
dBm
NOISE FIGURE
NF
4
6
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com