Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9006ACGZN-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL9006ACGZN-R7
Description  2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL9006ACGZN-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL9006ACGZN-R7 Datasheet HTML 3Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 4Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 5Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 6Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 7Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 8Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 9Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 10Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
ADL9006
Rev. 0 | Page 7 of 14
TYPICAL PERFORMANCE CHARACTERISTICS
20
–20
–15
–5
–10
0
5
10
15
0
30
25
20
15
10
5
FREQUENCY (GHz)
GAIN
INPUT RETURN LOSS
OUTPUT RETURN LOSS
Figure 8. Gain and Return Loss vs. Frequency
0
–20
–15
–5
–10
2
28
26
18
14
10
6
22
24
20
16
12
8
4
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 9. Input Return Loss vs. Frequency at Various Temperatures
10
0
3
9
6
2
8
5
1
7
4
2
28
26
18
14
10
6
22
24
20
16
12
8
4
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 10. Noise Figure vs. Frequency at Various Temperatures
20
10
13
19
16
12
18
15
11
17
14
2
28
26
18
14
10
6
22
24
20
16
12
8
4
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 11. Gain vs. Frequency at Various Temperatures
0
–20
–15
–5
–10
2
28
26
18
14
10
6
22
24
20
16
12
8
4
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 12. Output Return Loss vs. Frequency at Various Temperatures
10
0
3
9
6
2
8
5
1
7
4
2
28
26
18
14
10
6
22
24
20
16
12
8
4
FREQUENCY (GHz)
4V
5V
6V
7V
Figure 13. Noise Figure vs. Frequency at Various Supply Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com