Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9006ACGZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL9006ACGZN-R7
Description  2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL9006ACGZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL9006ACGZN-R7 Datasheet HTML 1Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 2Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 3Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 4Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 5Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 6Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 7Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 8Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
ADL9006
Rev. 0 | Page 5 of 14
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
VDD
8 V
VGG2
−2.6 V to +3.6 V
RF Input Power (RFIN)
20 dBm
Continuous Power Dissipation (PDISS),
TA = 85°C (Derate 21.7 mW/°C Above 85°C)
1.96 W
Maximum Peak Reflow Temperature,
Moisture Sensitivity Level 3 (MSL3)
260°C
Channel Temperature to Maintain 1,000,000
Hour Meant Time to Failure (MTTF)
175°C
Nominal Channel Temperature (T = 85°C,
VDD = 5 V)
98°C
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJC is the junction to case thermal resistance.
Table 6. Thermal Resistance
Package
θJC
Unit
CG-32-21
46
°C/W
1
Thermal resistance (θJC) was determined by simulation under the following
conditions: the heat transfer is due solely to thermal conduction from the
channel, through the ground paddle, to the PCB, and the ground paddle is
held constant at the operating temperature of 85°C.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD
sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADL9006
Table 7. ADL9006, 32-Lead LFCSP_CAV
ESD Model
Withstand Threshold (V)
Class
HBM
500
1B
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com