Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9006ACGZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL9006ACGZN-R7
Description  2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL9006ACGZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL9006ACGZN-R7 Datasheet HTML 6Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 7Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 8Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 9Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 10Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 11Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 12Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 13Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ADL9006
Data Sheet
Rev. 0 | Page 10 of 14
28
10
14
26
20
12
24
18
22
16
2
28
26
18
14
10
6
22
24
20
16
12
8
4
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 26. Output IP3 vs. Frequency at Various Temperatures, POUT per Tone =
0 dBm
70
0
60
30
50
20
40
10
–4
8
4
0
6
2
–2
POUT PER TONE (dBm)
4V, 26GHz
4V, 20GHz
4V, 10GHz
4V, 6GHz
4V, 2GHz
Figure 27. Output Third-Order Intermodulation Distortion Relative to Carrier
(IMD3) vs. POUT per Tone for Various Frequencies, VDD = 4 V
70
0
60
30
50
20
40
10
–4
8
4
0
6
2
–2
POUT PER TONE (dBm)
5V, 26GHz
5V, 20GHz
5V, 10GHz
5V, 6GHz
5V, 2GHz
Figure 28. Output IMD3 vs. POUT per Tone for Various Frequencies, VDD = 5 V
30
28
10
14
26
20
12
24
18
22
16
2
28
26
18
14
10
6
22
24
20
16
12
8
4
FREQUENCY (GHz)
4V
5V
6V
7V
Figure 29. Output IP3 vs. Frequency at Various Supply Voltages
70
0
60
30
50
20
40
10
–4
8
4
0
6
2
–2
POUT PER TONE (dBm)
6V, 26GHz
6V, 20GHz
6V, 10GHz
6V, 6GHz
6V, 2GHz
Figure 30. Output IMD3 vs. POUT per Tone for Various Frequencies, VDD = 6 V
70
0
60
30
50
20
40
10
–4
8
4
0
6
2
–2
POUT PER TONE (dBm)
7V, 26GHz
7V, 20GHz
7V, 10GHz
7V, 6GHz
7V, 2GHz
Figure 31. Output IMD3 vs. POUT per Tone for Various Frequencies, VDD = 7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com