Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9006ACGZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL9006ACGZN-R7
Description  2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL9006ACGZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL9006ACGZN-R7 Datasheet HTML 6Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 7Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 8Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 9Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 10Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 11Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 12Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 13Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
ADL9006
Rev. 0 | Page 11 of 14
2
30
28
26
18
14
10
6
22
24
20
16
12
8
4
FREQUENCY (GHz)
+2.6V
+2.4V
+2.2V
+2.0V
+1.8V
+1.6V
+1.4V
+1.2V
+1.0V
+0.8V
+0.6V
+0.4V
+0.2V
0V
–0.2V
–0.4V
–0.6V
–0.8V
–1.0V
30
0
6
22
14
8
2
4
24
16
10
26
18
12
28
20
Figure 32. PSAT vs. Frequency at Various VGG2 Voltages
2
28
26
18
14
10
6
22
24
20
16
12
8
4
FREQUENCY (GHz)
+87°C
+25°C
–40°C
0
–60
–30
–40
–10
–50
–20
Figure 33. Isolation vs. Frequency over Various Temperatures
4.0
7.0
6.0
5.0
6.5
5.5
4.5
VDD (V)
60
40
50
46
58
42
54
48
44
56
52
Figure 34. IDD vs. VDD
+2.6V
+2.4V
+2.2V
+2.0V
+1.8V
+1.6V
+1.4V
+1.2V
+1.0V
+0.8V
+0.6V
+0.4V
+0.2V
0V
–0.2V
–0.4V
–0.6V
–0.8V
–1.0V
–1.2V
30
0
6
22
14
8
2
4
24
16
10
26
18
12
28
20
2
28
26
18
14
10
6
22
24
20
16
12
8
4
FREQUENCY (GHz)
Figure 35. OIP3 vs. Frequency at Various VGG2 Voltages
VGG2 (V)
55
0
30
20
50
5
10
40
25
15
45
35
Figure 36. IDD vs. VGG2 Voltages, VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com